Electronic Components Datasheet Search
  English  ▼

X  

ADM3053 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM3053
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3053 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM3053 Datasheet HTML 12Page - Analog Devices ADM3053 Datasheet HTML 13Page - Analog Devices ADM3053 Datasheet HTML 14Page - Analog Devices ADM3053 Datasheet HTML 15Page - Analog Devices ADM3053 Datasheet HTML 16Page - Analog Devices ADM3053 Datasheet HTML 17Page - Analog Devices ADM3053 Datasheet HTML 18Page - Analog Devices ADM3053 Datasheet HTML 19Page - Analog Devices ADM3053 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADM3053
Rev. 0 | Page 16 of 20
Bipolar ac voltage is the most stringent environment. A 50 year
operating lifetime under the bipolar ac condition determines
the Analog Devices recommended maximum working voltage.
In the case of unipolar ac or dc voltage, the stress on the insulation
is significantly lower. This allows operation at higher working
voltages while still achieving a 50 year service life. The working
voltages listed in Table 5 can be applied while maintaining the
50 year minimum lifetime, provided the voltage conforms to either
the unipolar ac or dc voltage cases. Any cross insulation voltage
waveform that does not conform to Figure 30 or Figure 31 should
be treated as a bipolar ac waveform, and its peak voltage should
be limited to the 50-year lifetime voltage value listed in Table 5.
0V
RATED PEAK VOLTAGE
Figure 29. Bipolar AC Waveform
0V
RATED PEAK VOLTAGE
Figure 30. DC Waveform
0V
RATED PEAK VOLTAGE
NOTES
1. THE VOLTAGE IS SHOWN AS SINUSODIAL FOR ILLUSTRATION
PURPOSES ONLY. IT IS MEANT TO REPRESENT ANY VOLTAGE
WAVEFORM VARYING BETWEEN 0 AND SOME LIMITING VALUE.
THE LIMITING VALUE CAN BE POSITIVE OR NEGATIVE, BUT THE
VOLTAGE CANNOT CROSS 0V.
Figure 31. Unipolar AC Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com