Electronic Components Datasheet Search
  English  ▼

X  

ADM3053 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3053
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3053 Datasheet(HTML) 1 Page - Analog Devices

  ADM3053 Datasheet HTML 1Page - Analog Devices ADM3053 Datasheet HTML 2Page - Analog Devices ADM3053 Datasheet HTML 3Page - Analog Devices ADM3053 Datasheet HTML 4Page - Analog Devices ADM3053 Datasheet HTML 5Page - Analog Devices ADM3053 Datasheet HTML 6Page - Analog Devices ADM3053 Datasheet HTML 7Page - Analog Devices ADM3053 Datasheet HTML 8Page - Analog Devices ADM3053 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Signal and Power Isolated CAN Transceiver
with Integrated Isolated DC-to-DC Converter
ADM3053
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
2.5 kV rms signal and power isolated CAN transceiver
iso
Power integrated isolated dc-to-dc converter
5 V operation on VCC
5 V or 3.3 V operation on VIO
Complies with ISO 11898 standard
High speed data rates of up to 1 Mbps
Unpowered nodes do not disturb the bus
Connect 110 or more nodes on the bus
Slope control for reduced EMI
Thermal shutdown protection
High common-mode transient immunity: >25 kV/µs
Safety and regulatory approvals (pending)
UL recognition
2500 V rms for 1 minute per UL 1577
VDE Certificate of Conformity
DIN EN 60747-5-2 (VDE 0884 Rev.2): 2003-01
Industrial operating temperature range (−40°C to +85°C)
Available in wide-body, 20-lead SOIC package
APPLICATIONS
CAN data buses
Industrial field networks
GENERAL DESCRIPTION
The ADM3053 is an isolated controller area network (CAN)
physical layer transceiver with an integrated isolated dc-to-dc
converter. The ADM3053 complies with the ISO 11898 standard.
The device employs Analog Devices, Inc., iCoupler® technology
to combine a 2-channel isolator, a CAN transceiver, and
Analog Devices isoPower® dc-to-dc converter into a single
SOIC surface mount package. An on-chip oscillator outputs a pair
of square waveforms that drive an internal transformer to provide
isolated power. The device is powered by a single 5 V supply
realizing a fully isolated CAN solution.
The ADM3053 creates a fully isolated interface between the
CAN protocol controller and the physical layer bus. It is capable
of running at data rates of up to 1 Mbps.
The device has current limiting and thermal shutdown features
to protect against output short circuits. The part is fully specified
over the industrial temperature range and is available in a
20-lead, wide-body SOIC package.
The ADM3053 contains isoPower technology that uses high
frequency switching elements to transfer power through the
transformer. Special care must be taken during printed circuit
board (PCB) layout to meet emissions standards. Refer to the
AN-0971 Application Note, Control of Radiated Emissions with
iso
Power Devices, for details on board layout considerations.
FUNCTIONAL BLOCK DIAGRAM
ADM3053
TxD
VCC
RxD
ISOLATION
BARRIER
GND1
GND2
LOGIC SIDE
BUS SIDE
ENCODE
DECODE
DECODE
ENCODE
OSCILLATOR
RECTIFIER
REGULATOR
VISOOUT
DIGITAL ISOLATION iCoupler
isoPower DC-TO-DC CONVERTER
VIO
VISOIN
RS
CANH
CANL
VREF
REFERENCE
VOLTAGE
RECEIVER
CAN TRANSCEIVER
TxD
RS
RxD
VREF
GND2
VCC
SLOPE/
STANDBY
DRIVER
PROTECTION
Figure 1.


Similar Part No. - ADM3053

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3053 AD-ADM3053 Datasheet
353Kb / 20P
Signal and Power Isolated CAN Transceiver
REV. A
ADM3053 AD-ADM3053 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM3053 AD-ADM3053 Datasheet
523Kb / 18P
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
ADM3053BRWZ AD-ADM3053BRWZ Datasheet
353Kb / 20P
Signal and Power Isolated CAN Transceiver
REV. A
ADM3053BRWZ AD-ADM3053BRWZ Datasheet
523Kb / 18P
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
More results

Similar Description - ADM3053

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5324A ROHM-BP5324A Datasheet
412Kb / 3P
Isolated DC/DC Converter
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
Isolated DC-to-DC Converter
REV. 0
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
Signal and Power Isolated CAN Transceiver
REV. A
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
Isolated DC-to-DC Converter
logo
MORNSUN Science& Techno...
TD301DCAN MORNSUN-TD301DCAN Datasheet
486Kb / 3P
INTEGRATED ISOLATED POWER CAN TRANSCEIVER MODULE
logo
Vicor Corporation
DCM3714XD2H31E0YZZ VICOR-DCM3714XD2H31E0YZZ Datasheet
1Mb / 23P
Isolated, regulated DC-to-DC converter
logo
Bel Fuse Inc.
0RCY-T0T12X BEL-0RCY-T0T12X Datasheet
1Mb / 17P
Isolated DC-DC Converter
logo
Texas Instruments
ISOW1044 TI-ISOW1044_V01 Datasheet
3Mb / 45P
ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
ISOW1044 TI-ISOW1044_V02 Datasheet
3Mb / 45P
ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
logo
Analog Devices
ADM3053 AD-ADM3053_V01 Datasheet
523Kb / 18P
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com