Electronic Components Datasheet Search
  English  ▼

X  

ADM3053 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3053
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3053 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3053 Datasheet HTML 2Page - Analog Devices ADM3053 Datasheet HTML 3Page - Analog Devices ADM3053 Datasheet HTML 4Page - Analog Devices ADM3053 Datasheet HTML 5Page - Analog Devices ADM3053 Datasheet HTML 6Page - Analog Devices ADM3053 Datasheet HTML 7Page - Analog Devices ADM3053 Datasheet HTML 8Page - Analog Devices ADM3053 Datasheet HTML 9Page - Analog Devices ADM3053 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM3053
Rev. 0 | Page 6 of 20
VDE 0884 INSULATION CHARACTERISTICS (PENDING)
This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data must be ensured by
means of protective circuits.
Table 5.
Description
Conditions
Symbol
Characteristic
Unit
CLASSIFICATIONS
Installation Classification per DIN VDE 0110 for Rated
Mains Voltage
≤150 V rms
I to IV
≤300 V rms
I to III
≤400 V rms
I to II
Climatic Classification
40/85/21
Pollution Degree
DIN VDE 0110, see Table 3
2
VOLTAGE
Maximum Working Insulation Voltage
VIORM
424
VPEAK
Input-to-Output Test Voltage
VPR
Method b1
VIORM × 1.875 = VPR, 100% production tested,
tm = 1 sec, partial discharge < 5 pC
795
VPEAK
Highest Allowable Overvoltage
(Transient overvoltage, tTR = 10 sec)
VTR
4000
VPEAK
SAFETY-LIMITING VALUES
Maximum value allowed in the event of a
failure
Case Temperature
TS
150
°C
Input Current
IS, INPUT
265
mA
Output Current
IS, OUTPUT
335
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com