Electronic Components Datasheet Search
  English  ▼

X  

KOC1 Datasheet(PDF) 4 Page - E-SWITCH

Part # KOC1
Description  KEYLOCK SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KOC1 Datasheet(HTML) 4 Page - E-SWITCH

  KOC1 Datasheet HTML 1Page - E-SWITCH KOC1 Datasheet HTML 2Page - E-SWITCH KOC1 Datasheet HTML 3Page - E-SWITCH KOC1 Datasheet HTML 4Page - E-SWITCH KOC1 Datasheet HTML 5Page - E-SWITCH KOC1 Datasheet HTML 6Page - E-SWITCH KOC1 Datasheet HTML 7Page - E-SWITCH KOC1 Datasheet HTML 8Page - E-SWITCH KOC1 Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KO 113
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder,
chrome plated
Steel made tubular keys, nickel plated,
Silver plated contacts and terminals
50,000 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO113A
OFF
1-2
Pos. 1
KO113B
OFF
1-2
Pos. 1, Pos. 2
KO113C
OFF
1-2
Pos. 1
1
2
90 indexing
90 indexing
90 indexing
1
2
= Detent Position
= Keypull Possible
= Momentary
1
2
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 114
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder,
chrome plated
Steel made tubular keys, nickel plated
Silver plated contacts and terminals
50,000 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO114A
Pos. 1, Pos. 2, Pos. 3
KO114B
KO114C
KO114D
45 -90 indexing
90 indexing
45 indexing
45 -45 indexing
1
2
1-2
OFF
3-4
OFF
1-2
3-4
1-2
3-4
OFF
1-2, 3-4
Pos. 1, Pos. 2, Pos. 4
Pos. 1, Pos. 2
Pos. 2, Pos. 3
1
2
3
1
2
4
2
3
= Detent Position
= Keypull Possible
= Momentary
UNIT: mm
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
UNIT: mm
223
info@e-switch.com
www.e-switch.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com