Electronic Components Datasheet Search
  English  ▼

X  

KOC1 Datasheet(PDF) 10 Page - E-SWITCH

Part # KOC1
Description  KEYLOCK SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KOC1 Datasheet(HTML) 10 Page - E-SWITCH

Back Button KOC1 Datasheet HTML 4Page - E-SWITCH KOC1 Datasheet HTML 5Page - E-SWITCH KOC1 Datasheet HTML 6Page - E-SWITCH KOC1 Datasheet HTML 7Page - E-SWITCH KOC1 Datasheet HTML 8Page - E-SWITCH KOC1 Datasheet HTML 9Page - E-SWITCH KOC1 Datasheet HTML 10Page - E-SWITCH KOC1 Datasheet HTML 11Page - E-SWITCH KOC1 Datasheet HTML 12Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
229
info@e-switch.com
www.e-switch.com
KO 131
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder, chrome plated
Zinc alloy keys, chrome plated
Silver plated contacts and terminals
1 combination available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO131A
Pos. 1, Pos. 2
90º indexing
1
2
OFF
1-2
= Detent Position
= Keypull Possible
= Momentary
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 132
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO132A
Pos. 1, Pos. 2
KO132B
KO132C
90º indexing
90º indexing
1
2
OFF
1-2
1-2
1-2
Pos. 1, Pos. 2
Pos. 1, Pos. 2, Pos. 3
1
2
3
OFF
3-4
3-4
1
2
45º-90º indexing
= Detent Position
= Keypull Possible
= Momentary
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder, chrome plated
Zinc alloy keys, chrome plated
Silver plated contacts and terminals
6 combination available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com