Electronic Components Datasheet Search
  English  ▼

X  

KOC1 Datasheet(PDF) 9 Page - E-SWITCH

Part # KOC1
Description  KEYLOCK SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KOC1 Datasheet(HTML) 9 Page - E-SWITCH

Back Button KOC1 Datasheet HTML 4Page - E-SWITCH KOC1 Datasheet HTML 5Page - E-SWITCH KOC1 Datasheet HTML 6Page - E-SWITCH KOC1 Datasheet HTML 7Page - E-SWITCH KOC1 Datasheet HTML 8Page - E-SWITCH KOC1 Datasheet HTML 9Page - E-SWITCH KOC1 Datasheet HTML 10Page - E-SWITCH KOC1 Datasheet HTML 11Page - E-SWITCH KOC1 Datasheet HTML 12Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SERIES KO SWITCHES
KEYLOCK SWITCHES
KO 130
FEATURES & BENEFITS
Lock: bright nickel plated zinc alloy with nickel facing
(black and polished chrome facing available)
Tumbler mechanism: 4-disc tumbler cylinder
Keys: brass with code no.
Contacts: silver plated copper alloy
Terminals: silver plated copper alloy
Contact spring: piano wire
Mounting nut: nickel plated zinc alloy
SPECIFICATIONS
KO130B (DP)
KO130D (DP)
KO130F (DP)
KO130H (DP)
KO130J (DP)
45º-45º indexing
45º-45º indexing
45º-45º indexing
45º-45º indexing
45º-45º indexing
45º-45º indexing
KO130A (SP)
KO130C (SP)
KO130E (SP)
KO130G (SP)
KO130I (SP)
Part
Number
Lock Configuration
(as viewed from key end)
Key Pull
Possible
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Pos. 5
8-1
8-1, 4-5
8-1
8-1, 4-5
8-1
8-1, 4-5
8-1
8-1, 4-5
8-1
8-1, 4-5
1-2
1-2, 5-6
1-2
1-2, 5-6
1-2
1-2, 5-6
1-2
1-2, 5-6
7-8
7-8, 3-4
7-8
7-8, 3-4
Pos. 3
Pos. 5
Pos. 3, Pos. 5
Pos. 3
Pos. 2, Pos. 3, Pos. 4
KO130K (SP)
KO130L (SP)
KO130M (SP)
KO130N (SP)
KO130O (DP)
KO130P (SP)
KO130Q (DP)
45º-45º indexing
45º-45º indexing
45º-45º indexing
45º-45º indexing
45º-45º-45º-45º-45º indexing
45º-45º-45º-45º-45º indexing
45º-45º-45º-45º-45º indexing
2-3
2-3, 6-7
2-3
2-3, 6-7
1-2
1-2, 5-6
2-3
2-3, 6-7
6-7
7-8
8-1
1-2
2-3
6-7
7-8
8-1
1-2
2-3
6-7
7-8
8-1
1-2
2-3
8-1
8-1, 4-5
1-3
1-3, 5-7
8-1
1-3
1-3, 5-7
KO130R (SP)
KO130S (DP)
KO130T (SP)
KO130U (SP)
KO130V (SP)
KO130Y (SP)
KO130Z (SP)
KO130Z1 (SP)
KO130Z2 (SP)
KO130Z3 (SP)
KO130Z4 (SP)
8-1, 4-5
8-1
8-1, 4-5
1-3
1-3, 5-7
6-7
7-8
8-1
1-3
6-7
7-8
8-1
1-3
6-7
7-8
8-1
1-3
6-7
7-1
1-2
2-3
6-7
7-1
1-2
2-3
6-7
7-1
1-2
2-3
6-7
7-1
1-3
6-7
7-1
1-3
6-7
7-1
1-3
Pos. 3
Pos. 1, Pos. 5
Pos. 1, Pos. 3, Pos. 5
Pos. 3
Pos. 5
Pos. 3, Pos. 5
Pos. 3
Pos. 1, Pos. 5
Pos. 1, Pos. 3, Pos. 5
Pos. 3
Pos. 1, Pos. 5
Pos. 1, Pos. 3, Pos. 5
Pos. 3
Pos. 1, Pos. 5
Pos. 1, Pos. 3, Pos. 5
3
5
4
3
5
4
3
5
4
2
3
4
2
3
4
2
3
4
1
5
2
3
4
1
5
90º indexing
90º indexing
90º indexing
3
5
3
5
3
5
2
3
1
5
45º-45º-90º indexing
2
3
1
5
45º-45º-90º indexing
45º-45º-90º indexing
2
3
1
5
4
3
1
5
90º-45º-45º indexing
90º-45º-45º indexing
90º-45º-45º indexing
4
3
1
5
4
3
1
5
90º-90º indexing
90º-90º indexing
90º-90º indexing
3
1
5
3
1
5
3
1
5
= Detent Position
= Keypull Possible
= Momentary
2
3
4
1
5
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
*Anti-static models exceed 20kv DC static resistance also available
228
Fax: 763-531-8235
Phone: 800-867-2717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com