Electronic Components Datasheet Search
  English  ▼

X  

KOC1 Datasheet(PDF) 1 Page - E-SWITCH

Part # KOC1
Description  KEYLOCK SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KOC1 Datasheet(HTML) 1 Page - E-SWITCH

  KOC1 Datasheet HTML 1Page - E-SWITCH KOC1 Datasheet HTML 2Page - E-SWITCH KOC1 Datasheet HTML 3Page - E-SWITCH KOC1 Datasheet HTML 4Page - E-SWITCH KOC1 Datasheet HTML 5Page - E-SWITCH KOC1 Datasheet HTML 6Page - E-SWITCH KOC1 Datasheet HTML 7Page - E-SWITCH KOC1 Datasheet HTML 8Page - E-SWITCH KOC1 Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2 LEDS
Specifications subject to change without notice.
SERIES
MODEL NO.
KO
Example Ordering Number
KO_ 103B
KO 103
SPECIFICATIONS
Contact Rating:
As per individual model number
Initial Contact
Resistance:
10 mΩ Max.
Insulation Resistance:
As per individual model number
Dielectric Strength:
As per individual model number
MATERIALS
Housing and Cylinder:
Die cast zinc alloy. Finish dependent
upon individual model number
Contact:
Silver plated copper alloy
Keys:
As per individual model number
HOW TO ORDER
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder,
chrome plated
Zinc alloy keys, chrome plated
Silver plated contacts and terminals
200 combinations available
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO103A
OFF
1-2
Pos. 1
KO103B
OFF
1-2
Pos. 1, Pos. 2
KO103C
1-2
3-4
Pos. 1
KO103D
1-2
3-4
Pos. 1, Pos. 2
KO103E
OFF
1-2
Pos. 1
1
2
90 indexing
90 indexing
90 indexing
90 indexing
90 indexing
1
2
1
2
1
2
1
2
= Detent Position
= Keypull Possible
= Momentary
FEATURES & BENEFITS
Variety of size and product
package options
Barrel and flat key options
Wide variety of key code options
APPLICATIONS/MARKETS
Security applications
Personal transportation vehicles
Elevator controls
220
Fax: 763-531-8235
Phone: 800-867-2717
SERIES KO SWITCHES
KEYLOCK SWITCHES


Similar Part No. - KOC1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KOC2016 AITSEMI-KOC2016 Datasheet
220Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC2520 AITSEMI-KOC2520 Datasheet
218Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC3225 AITSEMI-KOC3225 Datasheet
218Kb / 1P
SMD CRYSTAL OSCILLATOR
logo
IDEA.lnc.
KOC4251-5 IDEA-KOC4251-5 Datasheet
24Kb / 1P
Water Clear LED
KOC4251-6 IDEA-KOC4251-6 Datasheet
24Kb / 1P
Water Clear LED
More results

Similar Description - KOC1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO103E-701 E-SWITCH-KO103E-701 Datasheet
34Kb / 1P
KEYLOCK SWITCHES
KO113C-10001 E-SWITCH-KO113C-10001 Datasheet
32Kb / 1P
KEYLOCK SWITCHES
KO119A-7315 E-SWITCH-KO119A-7315 Datasheet
66Kb / 1P
KEYLOCK SWITCHES
KO119A-7321 E-SWITCH-KO119A-7321 Datasheet
66Kb / 1P
KEYLOCK SWITCHES
KO128B-2007 E-SWITCH-KO128B-2007 Datasheet
52Kb / 1P
KEYLOCK SWITCHES
KO129A-A126 E-SWITCH-KO129A-A126 Datasheet
69Kb / 1P
KEYLOCK SWITCHES
KO130K E-SWITCH-KO130K Datasheet
70Kb / 1P
KEYLOCK SWITCHES
KO130V-A126 E-SWITCH-KO130V-A126 Datasheet
42Kb / 1P
KEYLOCK SWITCHES
KO130B-A126 E-SWITCH-KO130B-A126 Datasheet
43Kb / 1P
KEYLOCK SWITCHES
KO130Z4A126 E-SWITCH-KO130Z4A126 Datasheet
87Kb / 1P
KEYLOCK SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com