Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA320
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA320 Datasheet(HTML) 2 Page - Texas Instruments

  OPA320 Datasheet HTML 1Page - Texas Instruments OPA320 Datasheet HTML 2Page - Texas Instruments OPA320 Datasheet HTML 3Page - Texas Instruments OPA320 Datasheet HTML 4Page - Texas Instruments OPA320 Datasheet HTML 5Page - Texas Instruments OPA320 Datasheet HTML 6Page - Texas Instruments OPA320 Datasheet HTML 7Page - Texas Instruments OPA320 Datasheet HTML 8Page - Texas Instruments OPA320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513D
– AUGUST 2010 – REVISED NOVEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PACKAGE MARKING,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
QUANTITY
OPA320
SOT23-5
DBV
RAC
OPA320S(2)
SOT23-6
DBV
RAE
MSOP-8
DGK
OCLQ
OPA2320
DFN-8
DRG
OCMQ
SO-8
D
O2320A
OPA2320S(2)
MSOP-10
DGS
TBD
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or visit
the device product folder at www.ti.com.
(2)
Product preview device.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA320, OPA320S, OPA2320, OPA2320S
UNIT
Supply voltage, VS = (V+) – (V–)
6
V
Voltage(2)
(V
–) – 0.5 to (V+) + 0.5
V
Signal input pins
Current(2)
±10
mA
Output short-circuit current(3)
Continuous
mA
Operating temperature, TA
–40 to +150
°C
Storage temperature, TSTG
–65 to +150
°C
Junction temperature, TJ
+150
°C
Human body model (HBM)
4000
V
ESD ratings
Charged device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
2
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com