Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA320
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA320 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 13Page - Texas Instruments OPA320 Datasheet HTML 14Page - Texas Instruments OPA320 Datasheet HTML 15Page - Texas Instruments OPA320 Datasheet HTML 16Page - Texas Instruments OPA320 Datasheet HTML 17Page - Texas Instruments OPA320 Datasheet HTML 18Page - Texas Instruments OPA320 Datasheet HTML 19Page - Texas Instruments OPA320 Datasheet HTML 20Page - Texas Instruments OPA320 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
1/2
OPA2320
1/2
OPA2320
R
3
25kW
R
2
25kW
R
G
R
1
100kW
R
4
100kW
R
L
10kW
V
OUT
50kW
G=5+
200kW
R
G
+5V
+5V
REF1004-2.5
4
8
(2.5V)
+5V
-5V
V-
Optional
(2)
C
100nF
1
R
(1)
100W
1
R
50kW
2
C
100nF
2
V+
+5V
SD1
BAS40
V
0to4.096V
IN
ADS8326
16-Bit
250kSPS
C
(1)
1nF
3
C
100nF
4
+5V
REFIN
-IN
+IN
REF3240
4.096V
+5V
OPA320
OPA320, OPA2320
OPA320S, OPA2320S
www.ti.com
SBOS513D
– AUGUST 2010 – REVISED NOVEMBER 2011
DRIVING ADCS
The OPA320 can be used to buffer the ADC switched
input capacitance and resulting charge injection while
The OPA320 series op amps are well-suited for
providing signal gain. Figure 40 shows the OPA320
driving sampling analog-to-digital converters (ADCs)
configured to drive the ADS8326.
with
sampling
speeds
up
to
1MSPS.
The
zero-crossover distortion input stage topology allows
the OPA320 to drive ADCs without degradation of
differential linearity and THD.
Figure 39. Two Op Amp Instrumentation Amplifier with Improved High-Frequency Common-Mode
Rejection
(1) Suggested value; may require adjustment based on specific application.
(2) Single-supply applications lose a small number of ADC codes near ground as a result of op amp output swing limitation. If a negative
power supply is available, this simple circuit creates a
–0.3V supply to allow output swing to true ground potential.
Figure 40. Driving the ADS8326
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com