Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA320
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA320 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 3Page - Texas Instruments OPA320 Datasheet HTML 4Page - Texas Instruments OPA320 Datasheet HTML 5Page - Texas Instruments OPA320 Datasheet HTML 6Page - Texas Instruments OPA320 Datasheet HTML 7Page - Texas Instruments OPA320 Datasheet HTML 8Page - Texas Instruments OPA320 Datasheet HTML 9Page - Texas Instruments OPA320 Datasheet HTML 10Page - Texas Instruments OPA320 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
25
20
15
10
5
0
0.1
OffsetDrift( V/ C)
m
°
0.5
0.9
1.3
1.7
2.5
2.1
2.9
14
12
10
8
6
4
2
0
OffsetVoltage( V)
m
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
-
3
3
Common-ModeVoltage(V)
-
2.5 -2 -1.5
0.5
RepresentativeUnits
V = 2.75V
S
±
0
-
0.5
-
1
1
1.5
2
2.5
160
140
120
100
80
60
40
20
0
20
-
1
100M
Frequency(Hz)
100k
1M
10M
Phase
Gain
10
100
1k
10k
0
20
40
60
80
100
120
140
160
180
-
-
-
-
-
-
-
-
-
V = 2.5V
C =50pF
±
S
L
140
135
130
125
120
115
110
105
100
-50
150
Temperature( C)
°
75
100
125
2kW Load
10kW Load
-25
0
25
50
1.5
1.45
1.4
1.35
1.3
1.25
1.5
5.5
SupplyVoltage(V)
2
2.5
4
3
4.5
3.5
5
-
°
40 C
+85 C
°
+125 C
°
+25 C
°
OPA320, OPA2320
OPA320S, OPA2320S
www.ti.com
SBOS513D
– AUGUST 2010 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10kΩ, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 1.
Figure 2.
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
OPEN-LOOP GAIN/PHASE vs FREQUENCY
Figure 3.
Figure 4.
OPEN-LOOP GAIN vs TEMPERATURE
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com