Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA320
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA320 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 8Page - Texas Instruments OPA320 Datasheet HTML 9Page - Texas Instruments OPA320 Datasheet HTML 10Page - Texas Instruments OPA320 Datasheet HTML 11Page - Texas Instruments OPA320 Datasheet HTML 12Page - Texas Instruments OPA320 Datasheet HTML 13Page - Texas Instruments OPA320 Datasheet HTML 14Page - Texas Instruments OPA320 Datasheet HTML 15Page - Texas Instruments OPA320 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
R
S
OPA320
V+
V
IN
V
OUT
I
10mA,Max
OVERLOAD
4
3
2
1
0
1
2
3
4
-
-
-
-
-500
1000
Time( s)
m
-250
0
750
250
500
V
OUT
V
IN
V = 2.5V
±
S
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513D
– AUGUST 2010 – REVISED NOVEMBER 2011
www.ti.com
APPLICATION INFORMATION
RAIL-TO-RAIL INPUT
OPERATING VOLTAGE
The OPA320 product family features true rail-to-rail
input operation, with supply voltages as low as
±0.9V
The OPA320 series op amps are unity-gain stable
(1.8V). The design of the OPA320 amplifiers include
and can operate on a single-supply voltage (1.8V to
an internal charge-pump that powers the amplifier
5.5V), or a split supply voltage (
±0.9V to ±2.75V),
input
stage
with
an
internal
supply
rail
at
making them highly versatile and easy to use. The
approximately 1.6V above the external supply (VS+).
power-supply pins should have local bypass ceramic
This internal supply rail allows the single differential
capacitors (typically 0.001
μF to 0.1μF). The OPA320
input pair to operate and remain very linear over a
amplifiers are fully specified from +1.8V to +5.5V and
very wide input common-mode range. A unique
over the extended temperature range of
–40°C to
zero-crossover input topology eliminates the input
+125
°C. Parameters that can exhibit variance with
offset transition region typical of many rail-to-rail,
regard to operating voltage or temperature are
complementary input stage operational amplifiers.
presented in the Typical Characteristics.
This topology allows the OPA320 to provide superior
common-mode
performance
(CMRR
>
110dB,
INPUT AND ESD PROTECTION
typical) over the entire common-mode input range,
The
OPA320
incorporates
internal
electrostatic
which extends 100mV beyond both power-supply
discharge (ESD) protection circuits on all pins. In the
rails.
When
driving
analog-to-digital
converters
case of input and output pins, this protection primarily
(ADCs), the highly linear VCM range of the OPA320
consists
of
current-steering
diodes
connected
assures maximum linearity and lowest distortion.
between the input and power-supply pins. These ESD
protection
diodes
also
provide
in-circuit
input
PHASE REVERSAL
overdrive protection, provided that the current is
The OPA320 op amps are designed to be immune to
limited to 10mA as stated in the Absolute Maximum
phase reversal when the input pins exceed the supply
Ratings.
Many
input
signals
are
inherently
voltages,
therefore
providing
further
in-system
current-limited to less than 10mA; therefore, a limiting
stability and predictability. Figure 30 shows the input
resistor is not required. Figure 29 shows how a series
voltage exceeding the supply voltage without any
input resistor (RS) may be added to the driven input
phase reversal.
to
limit
the
input
current.
The
added
resistor
contributes thermal noise at the amplifier input and
the value should be kept to the minimum in
noise-sensitive applications.
Figure 29. Input Current Protection
Figure 30. No Phase Reversal
12
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com