Electronic Components Datasheet Search
  English  ▼

X  

FM3316 Datasheet(PDF) 28 Page - Ramtron International Corporation

Part # FM3316
Description  3V Integrated Processor Companion with Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3316 Datasheet(HTML) 28 Page - Ramtron International Corporation

Back Button FM3316 Datasheet HTML 20Page - Ramtron International Corporation FM3316 Datasheet HTML 21Page - Ramtron International Corporation FM3316 Datasheet HTML 22Page - Ramtron International Corporation FM3316 Datasheet HTML 23Page - Ramtron International Corporation FM3316 Datasheet HTML 24Page - Ramtron International Corporation FM3316 Datasheet HTML 25Page - Ramtron International Corporation FM3316 Datasheet HTML 26Page - Ramtron International Corporation FM3316 Datasheet HTML 27Page - Ramtron International Corporation FM3316 Datasheet HTML 28Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
FM33256/FM3316 SPI Companion w/ FRAM
Rev. 2.0
Feb. 2009
Page 28 of 28
Revision History
Revision
Date
Summary
1.0
12/18/2006
Initial release.
1.1
12/12/2007
Changed IQWD and IBAKTC spec limits. Added text that Event Counter does not
roll over. Added suggestion to clear VBC bit when Vbak is not used. Added
ESD and package MSL ratings.
2.0
2/9/2009
Changed status to Pre-Production. Added tape and reel ordering information.
Expanded data retention ratings. Added UL Recognition of trickle charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com