Electronic Components Datasheet Search
  English  ▼

X  

LCS700 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LCS700
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS700 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LCS700 Datasheet HTML 3Page - Power Integrations, Inc. LCS700 Datasheet HTML 4Page - Power Integrations, Inc. LCS700 Datasheet HTML 5Page - Power Integrations, Inc. LCS700 Datasheet HTML 6Page - Power Integrations, Inc. LCS700 Datasheet HTML 7Page - Power Integrations, Inc. LCS700 Datasheet HTML 8Page - Power Integrations, Inc. LCS700 Datasheet HTML 9Page - Power Integrations, Inc. LCS700 Datasheet HTML 10Page - Power Integrations, Inc. LCS700 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Rev. B 062011
7
LCS700-708
www.powerint.com
Figure 5.
Placement of Bypass Capacitors on Signal Pins of IC.
Figure 6.
Alternate Layout for LCS Footprint using Round Pads with Jumper Connecting
Two Grounds Highlighted.
Figure 7 shows a an example of preferred routing for the
optocoupler and traces connected to the FEEDBACK pin. The
optocoupler is spaced away from the transformer, reducing
noise pickup. The optocoupler output trace (from pin 3) is also
routed to increase the distance between it and “active”
components and traces, such as T1 and the hot side of
capacitor C12. Resistor R20 is located close to U1 rather than
optocoupler U2, so that any noise picked up on the optocoupler
trace is filtered by the combination of R20 and C4 before it gets
to the FEEDBACK pin on U1. C4 is placed directly adjacent to
the FEEDBACK pin of U1 (pin 4).
VCCH is connected to the standby supply through a high-
voltage ultrafast diode and a 2.2 W resistor connected in series.
This diode resistor network charges the VCCH bypass/storage
capacitor whenever the internal LLC low-side MOSFET is on.
The resistor limits the peak instantaneous charging current.
See R6 and D1 in Figure 8.
G Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com