Electronic Components Datasheet Search
  English  ▼

X  

LCS700 Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # LCS700
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS700 Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button LCS700 Datasheet HTML 11Page - Power Integrations, Inc. LCS700 Datasheet HTML 12Page - Power Integrations, Inc. LCS700 Datasheet HTML 13Page - Power Integrations, Inc. LCS700 Datasheet HTML 14Page - Power Integrations, Inc. LCS700 Datasheet HTML 15Page - Power Integrations, Inc. LCS700 Datasheet HTML 16Page - Power Integrations, Inc. LCS700 Datasheet HTML 17Page - Power Integrations, Inc. LCS700 Datasheet HTML 18Page - Power Integrations, Inc. LCS700 Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Rev. B 062011
15
LCS700-708
www.powerint.com
start-up frequency, and f
START, which is the burst mode start
(lower) threshold frequency.
The FEEDBACK pin current at start-up is determined by the value
of R
START because the voltage on CSTART will be zero. For minimum
start-up peak currents, this current should match or slightly
exceed the DT/BF pin current so that start-up switching frequency
begins at f
MAX. The resulting value of RSTART will be approximately
10% lower than the value of the pull-up resistor on the DT/BF pin.
The frequency will slide down as C
START charges. If RSTART is
smaller than that which provides start-up at f
MAX, it will create an
additional delay before start-up switching. Please see the PIXls
HiperLCS spreadsheet.
Resistor R
LOAD provides a load on the optocoupler, and speeds
up the large signal transient response during burst mode. The
recommended value is ~4.7 kW. Diode D1 prevents R
LOAD from
loading R
FMIN when the optocoupler is cut off. Diode D1 can be
omitted and a combination of resistor values found to achieve the
desired f
MIN but the resulting tolerances will be poor. Resistor
R
OPTO will improve the ESD and surge immunity of the PSU. It
also improves burst mode output ripple voltage. Its maximum
value must be such that the FEEDBACK pin current is equal to
the DT/BF pin current when the optocoupler is in saturation and
the FEEDBACK pin is at 2.0 V (please see PIXls HiperLCS
spreadsheet). This is to ensure that if the HiperLCS does not exit
start-up mode, because the feedback loop did not allow the
switching frequency to drop below f
STOP, then it can regulate at
light load by bursting at f
MAX. Note however bursting at fMAX can
lead to high internal dissipation due to loss of ZVS and should be
avoided. See Figure 20.
Capacitor C
START should be sized at the minimum possible value
that exhibits a 7 consecutive-cycle peak current at start-up that is
just below the peak current measured at brown-out and full load.
A larger value will slow down start-up and will make it more likely
that f
STOP is not reached. This can prevent exiting start-up mode
when the HiperLCS is powered up at high-line and minimum load,
and may subsequently cause the HiperLCS to burst at f
MAX
instead of between f
START and fSTOP.
Figure 19. Feedback Network Shown with Additional Load Resistor.
~850 kHz
10 s / div
IPRI
850 ns / div
Severe Loss of ZVS
Bursting Duty ≈ 50%
VHB
Figure 20. Bursting at f
MAX Causes High Internal Dissipation Due to Loss of
ZVS and Should be Avoided.
RFMIN
RSTART
ROPTO
D1
RLOAD
3.4 V
U1B
CSTART
CFB
4.7 nF
GND
VREF
FB
PI-6118-051711
Figure 21. VREF to FB External Resistance vs. Frequency.
In order to calculate R
FMIN and RSTART, use the following equation
which describes nominal resistance from FEEDBACK pin to
VREF pin, vs. frequency:
R
3574
..
FB
LOGf
060410 1193
=
#
+
f
^
^hh
Where R
FB is in kW and f is in kHz.
To calculate the minimum R
START, which produces start-up at fMAX,
use the above equation with f = f
MAX from the equation relating
dead-time and f
MAX.
To set f
MIN, use the above equation with f = fMIN × 0.93. Where
0.93 is to ensure that, despite the worst case frequency tolerance
of -7%, the frequency can go below f
MIN, guaranteeing regulation
at V
BROWNOUT.
Using the resulting calculated value for R
FB, calculate RFMIN:
RR
R
FMIN
FB
START
=-
The sum of R
FMIN and RSTART determines fMIN.
50
100
20
200
500
1000
4
10
20
50
100
300
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com