Electronic Components Datasheet Search
  English  ▼

X  

LCS700 Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # LCS700
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS700 Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button LCS700 Datasheet HTML 12Page - Power Integrations, Inc. LCS700 Datasheet HTML 13Page - Power Integrations, Inc. LCS700 Datasheet HTML 14Page - Power Integrations, Inc. LCS700 Datasheet HTML 15Page - Power Integrations, Inc. LCS700 Datasheet HTML 16Page - Power Integrations, Inc. LCS700 Datasheet HTML 17Page - Power Integrations, Inc. LCS700 Datasheet HTML 18Page - Power Integrations, Inc. LCS700 Datasheet HTML 19Page - Power Integrations, Inc. LCS700 Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Rev. B 062011
16
LCS700-708
www.powerint.com
It should be noted that the 4.7 nF decoupling capacitor, C
FB
(see Figure 19), in conjunction with the 2.5 kW input resistance
presented by the FEEDBACK pin, form a pole in the LLC
transfer function. This can add significant phase lag to the
feedback loop. A typical value for a 250 kHz design with a
3 kHz crossover frequency is 4.7 nF. To prevent loop instability,
the value of the 4.7 nF capacitor should not be increased
arbitrarily. At the other extreme, insufficient FEEDBACK pin
bypass capacitance or poor layout may cause duty cycle
asymmetry.
Start-Up and Auto-Restart
At start-up and during the off-state of the auto-restart cycle, the
FEEDBACK pin is internally pulled up to the VREF pin. This
keeps the output MOSFETs off and discharges the soft-start
capacitor, in preparation for soft-start.
At start-up, this state remains for 1024 clock cycles at frequency
f
MAX. During the off-state of auto-restart, or if the OV/UV or IS pin
is triggered while the VCC remains above its UVLO threshold, this
state remains for 131,072 clock cycles.
After 1024 or 131,072 cycles (as the case may be), the HiperLCS
turns off the internal pull-up transistor, the soft-start capacitor
begins to charge, the output MOSFETs switch at f
MAX, current in
the FEEDBACK pin diminishes, the frequency begins to drop,
and the PSU output rises.
For example, for f
MAX = 800 kHz, the start-up delay after VCC
power-up is 1.3 ms. If IS, or the OV/UV pin are tripped, auto-
restart is invoked, with a restart delay of 164 ms.
The FEEDBACK pin has a current limit equal to the current
flowing into the DT/BF pin. This limits the maximum current that
charges the soft-start capacitor at start-up. If R
START is smaller
than that which allows the FEEDBACK pin current to match the
DT/BF pin current at start-up, an additional delay is introduced.
C
START will charge at the current limit, and switching will only
commence when the FEEDBACK pin voltage drops below 2.0 V.
Thus the designer can add an additional start-up delay if desired.
As the soft-start capacitor continues to charge, the current
through R
START and thus the FEEDBACK pin decreases, reducing
switching frequency. The output voltage climbs; and when the
feedback loop closes, the optocoupler conducts and starts
controlling the switching frequency thus the output voltage.
Remote-Off
Remote-off can be invoked by pulling down the OV/UV pin to
ground, or by pulling up the IS pin to >0.9 V. Both will invoke a
131,072 cycle restart cycle. VCC can also be pulled down to shut
the device off, but when it is pulled up, the FEEDBACK pin is
pulled up to the VREF pin to discharge the soft-start capacitor for
only 1024 f
MAX clock cycles. If this scheme is used, the designer
must ensure that the time the VCC is pulled down, plus 1024
cycles, is sufficient to discharge the soft-start capacitor, or if not,
that the resulting lower starting frequency is high enough so as
not to cause excessive primary currents that may cause the
over-current protection to trip.
IS Pin
The IS pin has 2 thresholds: nominally 0.5 V and 0.9 V. The IS
pin can tolerate small negative voltages and currents, and thus
does not need a peak detector or rectifier circuit. The pin has a
reverse-biased diode to ground equivalent circuit, and can
tolerate a maximum negative current of 5 mA. The primary
current is sampled by a primary, B- referenced current sense
resistor, or by a capacitor current divider + current sense resistor
combination circuit. In order to limit the negative current to 5 mA,
a current limiting resistor between the sense resistor and the IS
pin is necessary, with a minimum value of 220 W. Using the
minimum value maximizes the IS pin bypass capacitor value
and thus pin noise rejection, for a given RC pole frequency.
The IS pin will invoke a restart if it sees 7 consecutive pulses
>0.5 V. It will also invoke a restart if a single pulse exceeds 0.9 V.
The minimum pulse detection time is nominally 30 ns – i.e. the
pulses must be higher than the threshold voltage for >30 ns.
The “capacitive divider” circuit in Figure 23 reduces power
dissipation and improves efficiency over a simple current sense
resistor circuit. The two capacitors, main resonant capacitor
C11, and sense capacitor C12, form a current divider. The
portion of the primary current routed through C12 is
CC
C
11
12
12
+
.
Consequently, the voltage at the IS pin is equal to
##
I
CC
C
R
11
12
12
11
P
+
,
where I
P is the primary current flowing from the HB pin through
the transformer primary. The current in the sense capacitor
passes through sense resistor R11. Resistor R11 is the main
means for tuning current limit. The signal on R11, an AC
voltage, passes through low-pass filter R12 and C7, to the IS
pin. Note that R11 is returned to the GROUND pin and not to
SOURCE pin.
PI-6471-052411
2.5
2
1.5
1
0
0.5
3
3.5
4
4.5
5
-6
0
-2
2
-4
Time (ms)
4
6
-8
-10
20
50
40
60
30
70
80
10
0
Primary Current
Output Voltage
B
A
Figure 22. Typical Start-up Waveform. Observe Initial Current Spike ‘A’ to Ensure
it is Below the 1-Cycle Current Limit. A Higher f
MAX Reduces it. Size
the Soft-Start Capacitor so that the Peak of ‘B’ is just Below the Peak
Current at V
BROWNOUT at Full Load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com