Electronic Components Datasheet Search
  English  ▼

X  

LCS700 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LCS700
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS700 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LCS700 Datasheet HTML 1Page - Power Integrations, Inc. LCS700 Datasheet HTML 2Page - Power Integrations, Inc. LCS700 Datasheet HTML 3Page - Power Integrations, Inc. LCS700 Datasheet HTML 4Page - Power Integrations, Inc. LCS700 Datasheet HTML 5Page - Power Integrations, Inc. LCS700 Datasheet HTML 6Page - Power Integrations, Inc. LCS700 Datasheet HTML 7Page - Power Integrations, Inc. LCS700 Datasheet HTML 8Page - Power Integrations, Inc. LCS700 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LCS700-708
HiperLCS™ Family
www.powerint.com
June 2011
Integrated LLC Controller, High-Voltage
Power MOSFETs and Drivers
Product Highlights
Features
•
LLC half-bridge power stage incorporating controller, high and
low-side gate drives, and high-voltage power MOSFETs
•
Eliminates up to 30 external components
•
High maximum operating frequency of 1 MHz
•
Nominal steady-state operation up to 500 kHz
•
Dramatically reduces magnetics size and allows use of
SMD ceramic output capacitors
•
Precise duty symmetry balances output rectifier current,
improving efficiency
•
50% ±0.3% typical at 300 kHz
•
Comprehensive fault handling and current limiting
•
Programmable brown-in/out thresholds and hysteresis
•
Undervoltage (UV) and overvoltage (OV) protection
•
Programmable over-current protection (OCP)
•
Short-circuit protection (SCP)
•
Over-temperature protection (OTP)
•
Programmable dead-time for optimized design
•
Programmable burst mode maintains regulation at no-load and
improves light load efficiency
•
Programmable soft-start time and delay before soft-start
•
Accurate programmable minimum and maximum frequency
limits
•
Single package designed for high-power and high-frequency
•
Reduces assembly cost and reduces PCB layout loop areas
•
Simple single clip attachment to heat sink
•
Exposed thermal pad connected to ground potential – no
insulators required between package and heat sink
•
Staggered pin arrangement for simple PC board routing
and high-voltage creepage requirements
•
Paired with HiperPFS PFC product gives complete, high
efficiency, low part count PSU solutions
Applications
•
High-efficiency power supplies (80 PLUS Silver, Gold and
Platinum)
•
LCD TV power supplies
•
LED street and area lighting
•
Printer power supplies
•
Audio amplifier
Figure 1.
Typical Application Circuit – LCD TV and PC Main Power Supply.
Description
The HiperLCS is an integrated LLC power stage incorporating a
multi-function controller, high-side and low-side gate drivers,
plus two power MOSFETs in a half-bridge configuration. Figure
1 shows a simplified schematic of a HiperLCS based power stage
where the LLC resonant inductor is integrated into the transformer.
The variable frequency controller provides high efficiency by
switching the power MOSFETs at zero voltage (ZVS), eliminating
switching losses.
Output Power Table
Product
Maximum Practical Power1
LCS700HG
110 W
LCS701HG
170 W
LCS702HG
220 W
LCS703HG
275 W
LCS705HG
350 W
LCS708HG
440 W
Table 1. Output Power Table.
Notes:
1. Maximum practical power is the power the part can deliver when properly
mounted to a heat sink and a maximum heat sink temperature of 90 °C.
LLC Feedback Circuit
HiperLCS
HB
VREF
DT/BF
R
FMAX
R
BURST
IS
FB
VCC
VCCH
HV DC
Input
OV/UV
G
S1/S2
D
PI-6159-060211
Standby
Supply
CONTROL
B+
+V
RTN
B-


Similar Part No. - LCS700

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
LCS700HG POWERINT-LCS700HG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
LCS700LG POWERINT-LCS700LG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
More results

Similar Description - LCS700

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com