Electronic Components Datasheet Search
  English  ▼

X  

DG428 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG428
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG428 Datasheet HTML 1Page - Vishay Siliconix DG428 Datasheet HTML 2Page - Vishay Siliconix DG428 Datasheet HTML 3Page - Vishay Siliconix DG428 Datasheet HTML 4Page - Vishay Siliconix DG428 Datasheet HTML 5Page - Vishay Siliconix DG428 Datasheet HTML 6Page - Vishay Siliconix DG428 Datasheet HTML 7Page - Vishay Siliconix DG428 Datasheet HTML 8Page - Vishay Siliconix DG428 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 70063
S11-1350–Rev. K, 04-Jul-11
www.vishay.com
5
Vishay Siliconix
DG428, DG429
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
R
DS(on) = RDS(on) MAX – RDS(on) MIN
(
RDS(on) AVE
)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa (for single supply)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V, WR = 0,
RS = 2.4 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55°C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 10 V, VAL = 0.8 V
IS = - 500 µA, VAH = 2.4 V
Room
80
150
150
RDS(on) Match
g
R
DS(on)
0 V < VS < 10 V
IS = - 1 mA
Room
5
%
Source Off Leakage Current
IS(off)
VS = 0 V, 10 V,
VEN = 0 V, VD = 10 V, 0 V
Room
Full
± 0.03
- 0.5
- 50
0.5
50
- 0.5
- 50
0.5
50
nA
Drain Off Leakage Current
ID(off)
VD = 0 V, 10 V
VS = 10 V, 0 V
VEN = 0 V
DG428
Room
Full
± 0.07
- 1
- 100
1
100
- 1
- 100
1
100
DG429
Room
Full
± 0.05
- 1
- 50
1
50
- 1
- 50
1
50
Drain On Leakage Current
ID(on)
VS = VD = 0 V, 10 V
VEN = 2.4 V
VAL= 0.8 V
VAH = 2.4 V
DG428
Room
Full
± 0.07
- 1
- 100
1
100
- 1
- 100
1
100
DG429
Room
Full
± 0.05
- 1
- 50
1
50
- 1
- 50
1
50
Digital Control
Logic Input Current
Input Voltage High
IAH
VA = 2.4 V
Full
1
1
µA
VA = 12 V
Full
1
1
Logic Input Current
Input Voltage Low
IAL
VEN = 0 V, 2.4 V, VA = 0 V
RS = 0 V, WR = 0 V
Full
- 1
- 1
Dynamic Characteristics
Transition Time
tTRANS
S1 = 10 V/ 2 V, S8 = 2 V/ 10 V
See Figure 5
Room
Full
160
280
350
280
350
ns
Break-Before-Make Interval
tOPEN
See Figure 4
Room
Full
40
25
10
25
10
Enable and WriteTurn-On Time
tON(EN,WR)
S1 = 5 V
See Figure 6 and 7
Room
Full
110
300
400
300
400
Enable and Reset Turn-Off Time
tOFF(EN,RS)
S1 = 5 V
See Figure 6 and 8
Room
Full
70
300
400
300
400
Charge Injection
Q
VGEN = 6 V, RGEN = 0 
CL = 1 nF, See Figure 9
Room
4
pC
Off Isolation
OIRR
VEN = 0 V, RL = 300 
CL = 15 pF, VS = 7 VRMS
f = 100 kHz
Room
- 75
dB
Minimum Input Timing Requirements
Write Pulse Width
tW
See Figure 2
Full
100
100
ns
AX, EN Data Set Up time
tS
Full
100
100
AX, EN Data Hold Time
tH
Full
10
10
Reset Pulse Width
tRS
VS = 5 V, See Figure 3
Full
100
100
Power Supplies
Positive Supply Current
I+
VEN = 0 V, VA = 0, RS = 5 V
Room
20
100
100
µA
x 100 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com