Electronic Components Datasheet Search
  English  ▼

X  

DG428 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG428
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG428 Datasheet HTML 1Page - Vishay Siliconix DG428 Datasheet HTML 2Page - Vishay Siliconix DG428 Datasheet HTML 3Page - Vishay Siliconix DG428 Datasheet HTML 4Page - Vishay Siliconix DG428 Datasheet HTML 5Page - Vishay Siliconix DG428 Datasheet HTML 6Page - Vishay Siliconix DG428 Datasheet HTML 7Page - Vishay Siliconix DG428 Datasheet HTML 8Page - Vishay Siliconix DG428 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
DG428, DG429
Document Number: 70063
S11-1350–Rev. K, 04-Jul-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
DESCRIPTION
The DG428, DG429 analog multiplexers have on-chip
address
and
control
latches
to
simplify
design
in
microprocessor
based
applications.
Break-before-make
switching action protects against momentary crosstalk of
adjacent input signals.
The DG428 selects one of eight single-ended inputs to a
common output, while the DG429 selects one of four
differential inputs to a common differential output.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up to
the power supply rails. An enable (EN) function allows the
user to reset the multiplexer/demultiplexer to all switches off
for stacking several devices. All control inputs, address (Ax)
and enable (EN) are TTL compatible over the full specified
operating temperature range.
The silicon-gate CMOS process enables operation over a
wide range of supply voltages. The absolute maximum
voltage rating is extended to 44 V. Additionally, single supply
operation is also allowed and an epitaxial layer prevents
latchup.
On-board TTL-compatible address latches simplify the digital
interface design and reduce board space in bus-controlled
systems such as data acquisition systems, process controls,
avionics, and ATE.
FEATURES
•
Halogen-free according to IEC 61249-2-21
Definition
•Low RDS(on): 55 
•
Low Charge Injection: 1 pC
•
On-Board TTL Compatible Address Latches
•
High Speed - tTRANS: 160 ns
•
Break-Before-Make
•
Low Power Consumption: 0.3 mW
•
Compliant to RoHS Directive 2002/95/EC
BENEFITS
•
Improved System Accuracy
• Microprocessor Bus Compatible
• Easily Interfaced
• Reduced Crosstalk
• High Throughput
• Improved Reliability
APPLICATIONS
•
Data Acquisition Systems
• Automatic Test Equipment
• Avionics and Military Systems
• Communication Systems
• Microprocessor-Controlled Analog Systems
• Medical Instrumentation
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
DG428
DG428
WR
D
RS
S8
A0
A1
EN
A2
V-
GND
S1
V+
S2
S5
S3
S6
S4
S7
Dual-In-Line
Decoders/Drivers
1
2
3
4
5
6
7
8
18
17
16
15
14
13
12
11
Top View
910
Latches
PLCC
14
15
16
17
18
8
7
6
5
4
1
2
319
20
11
10
913
12
Top View
EN
A2
V-
GND
S1
V+
S2
S5
S3
S6
Latches
Decoders/Drivers


Similar Part No. - DG428

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428 Datasheet
151Kb / 12P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428 Datasheet
183Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
DG428DJ VISHAY-DG428DJ Datasheet
151Kb / 12P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG428DJ VISHAY-DG428DJ Datasheet
183Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
More results

Similar Description - DG428

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
15-Nov-93
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com