Electronic Components Datasheet Search
  English  ▼

X  

DG428 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG428
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG428 Datasheet HTML 1Page - Vishay Siliconix DG428 Datasheet HTML 2Page - Vishay Siliconix DG428 Datasheet HTML 3Page - Vishay Siliconix DG428 Datasheet HTML 4Page - Vishay Siliconix DG428 Datasheet HTML 5Page - Vishay Siliconix DG428 Datasheet HTML 6Page - Vishay Siliconix DG428 Datasheet HTML 7Page - Vishay Siliconix DG428 Datasheet HTML 8Page - Vishay Siliconix DG428 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 70063
S11-1350–Rev. K, 04-Jul-11
Vishay Siliconix
DG428, DG429
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V, WR = 0,
RS = 2.4 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 10 V, VAL = 0.8 V
IS = - 1 mA, VAH = 2.4 V
Room
Full
55
100
125
100
125
Greatest Change in RDS(on)
Between Channelsg
R
DS(on)
- 10 V < VS < 10 V
IS = - 1 mA
Room
5
%
Source Off Leakage Current
IS(off)
VS = ± 10 V,
VEN = 0 V, VD = ± 10 V
Room
Full
± 0.03
- 0.5
- 50
0.5
50
- 0.5
- 50
0.5
50
nA
Drain Off Leakage Current
ID(off)
VEN = 0 V
VD = ± 10 V
VS = ± 10 V
DG428
Room
Full
± 0.07
- 1
- 100
1
100
- 1
- 100
1
100
DG429
Room
Full
± 0.05
- 1
- 50
1
50
- 1
- 50
1
50
Drain On Leakage Current
ID(on)
VS = VD = ± 10 V
VEN = 2.4 V
VAL= 0.8 V
VAH = 2.4 V
DG428
Room
Full
± 0.07
- 1
- 100
1
100
- 1
- 100
1
100
DG429
Room
Full
± 0.05
- 1
- 50
1
50
- 1
- 50
1
50
Digital Control
Logic Input Current
Input Voltage High
IAH
VA = 2.4 V
Full
0.01
1
1
µA
VA = 15 V
Full
0.01
1
1
Logic Input Current
Input Voltage Low
IAL
VEN = 0 V, 2.4 V, VA = 0 V
RS = 0 V, WR = 0 V
Full
- 0.01
- 1
- 1
Logic Input Capacitance
Cin
f = 1 MHz
Room
8
pF
Dynamic Characteristics
Transition Time
tTRANS
See Figure 5
Room
Full
150
250
300
250
300
ns
Break-Before-Make Interval
tOPEN
See Figure 4
Full
30
10
10
Enable and Write Turn-On Time
tON(EN,WR)
See Figure 6 and 7
Room
Full
90
150
225
150
225
Enable and Reset Turn-Off Time
tOFF(EN,RS)
See Figure 6 and 8
Room
Full
55
150
300
150
300
Charge Injection
Q
VGEN = 0 V, RGEN = 0 
CL = 1 nF, See Figure 9
Room
1
pC
Off Isolation
OIRR
VEN = 0 V, RL = 300 
CL = 15 pF, VS = 7 VRMS
f = 100 kHz
Room
- 75
dB
Source Off Capacitance
CS(off)
VS = 0 V, VEN = 0 V, f = 1 MHz
Room
11
pF
Drain Off Capacitance
CD(off)
VD = 0 V
VEN = 0 V
f = 1 MHz
DG428
Room
40
DG429
Room
20
Drain On Capacitance
CD(on)
DG428
Room
54
DG429
Room
34
Minimum Input Timing Requirements
Write Pulse Width
tW
See Figure 2
Full
100
100
ns
AX, EN Data Set Up time
tS
Full
100
100
AX, EN Data Hold Time
tH
Full
10
10
Reset Pulse Width
tRS
VS = 5 V, See Figure 3
Full
100
100
Power Supplies
Positive Supply Current
I+
VEN = VA = 0, RS = 5 V
Room
20
100
100
µA
Negative Supply Current
I-
Room
- 0.001
- 5
- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com