Electronic Components Datasheet Search
  English  ▼

X  

DG428 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG428
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG428 Datasheet HTML 6Page - Vishay Siliconix DG428 Datasheet HTML 7Page - Vishay Siliconix DG428 Datasheet HTML 8Page - Vishay Siliconix DG428 Datasheet HTML 9Page - Vishay Siliconix DG428 Datasheet HTML 10Page - Vishay Siliconix DG428 Datasheet HTML 11Page - Vishay Siliconix DG428 Datasheet HTML 12Page - Vishay Siliconix DG428 Datasheet HTML 13Page - Vishay Siliconix DG428 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.vishay.com
10
Document Number: 70063
S11-1350–Rev. K, 04-Jul-11
Vishay Siliconix
DG428, DG429
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 7. Write Turn-On Time tON(WR)
3 V
0 V
0 V
50 %
DG428
DG429
WR
Switch
Output
VO
20 %
tON(WR)
A0, A1, (A2)
Db, D
EN
WR
300
Ω
Remaining
Switches
S1 or S1b
VO
RS
V+
GND
V-
+ 5 V
35 pF
- 15 V
+ 15 V
+ 2.4 V
Figure 8. Reset Turn-Off Time tOFF(RS)
3 V
0 V
0 V
50 %
DG42
DG429
RS
Switch
Output
VO
80 %
tOFF(RS)
RS
VO
EN
Remaining
Switches
WR
S1 or S1b
Db, D
A0, A1, (A2)
300
Ω
V+
GND
V-
+ 5 V
35 pF
- 15 V
+ 15 V
+ 2.4 V
Figure 9. Charge Injection
EN
VO
ΔVO
ΔVO is the measured voltage error due to
charge injection. The charge in coulombs is Q =
CL x ΔVO
OFF
OFF
ON
CL
1 nF
IN
D
VO
2.4 V
RS
A0, A1, (A2)
WR
V-
V+
S
3 V
Vg
Rg
- 15 V
GND
+ 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com