Electronic Components Datasheet Search
  English  ▼

X  

HT16C21 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Rev. 1.00
18
November 22, 2011
HT16C21
Display RAM Read Operation
● In this mode, the master reads the HT16C21 data after setting the slave address. Following the R/W bit (=’0”)
is an acknowledge bit, a command byte and the register address byte which is written to the internal address
pointer. After the start address of the Read Operation has been configured, another START condition and the
slave address transferred on the I2C interface followed by the R/W bit (=’1”). Then the MSB of the data which
was addressed is transmitted first on the I2C interface. The address pointer is only incremented by 1 after the
reception of an acknowledge clock. That means that if the device is configured to transmit the data at the
address of AN+1, the master will read and acknowledge the transferred new data byte and the address pointer is
incremented to AN+2. After the internal address pointer reaches the maximum memory address, which is 09H
for 1/4 duty drive mode or 0FH for 1/8 duty drive mode, the address pointer will be reset to 00H.
● This cycle of reading consecutive addresses will continue until the master sends a STOP condition.
ACK
Write
ACK
P
Slave Address
S 0 1 1 1 0 0 0 0
Data byte
NACK
D7 D6 D5 D4 D3 D2 D1 D0
1st data
Data byte
ACK
P
D7 D6 D5 D4 D3 D2 D1 D0
Nth data
Data byte
D7 D6 D5 D4 D3 D2 D1 D0
2nd data
ACK
ACK
ACK
Device Address
Read
S 0 1 1 1 0 0 0 1
ACK
Register Address byte
Command byte
1st
2nd
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com