Electronic Components Datasheet Search
  English  ▼

X  

HT16C21 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Rev. 1.00
27
November 22, 2011
HT16C21
Package Information
Note that the package information provided here is for consultation purposes only. As this information may be
updated at regular intervals users are reminded to consult the Holtek website (http://www.holtek.com.tw/english/
literature/package.pdf) for the latest version of the package information.
20-pin SOP (300mil) Outline Dimensions




)
*
+
,
-.
+
/
0
=
MS-013
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.393
―
0.419
B
0.256
―
0.300
C
0.012
―
0.020
C’
0.496
―
0.512
D
―
―
0.104
E
―
0.050
―
F
0.004
―
0.012
G
0.016
―
0.050
H
0.008
―
0.013
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
9.98
―
10.64
B
6.50
―
7.62
C
0.30
―
0.51
C’
12.60
―
13.00
D
―
―
2.64
E
―
1.27
―
F
0.10
―
0.30
G
0.41
―
1.27
H
0.20
―
0.33
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com