Electronic Components Datasheet Search
  English  ▼

X  

HT16C21 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Rev. 1.00
26
November 22, 2011
HT16C21
When the internal VLCD voltage adjustment function is enabled and the Segment/VLCD shared pin is set as
VLCD pin, the bias voltage is supplied by the internal adjusted voltage, derived from the VDD voltage, determined
by the DA3~DA0 bits and the VLCD pin is used as an output pin of which the voltage is detected by the external
MCU host.
●
1/4 duty
LCD panel
COM0~COM3
SEG0~SEG18
COM0~COM3
SEG0~SEG18
SCL
SDA
VDD
VSS
HOST
VDD
VSS
HT16C21
VDD
VSS
0.1uF
VLCD
4.7KΩ
4.7KΩ
●
1/8 duty
LCD panel
COM0~COM7
SEG0~SEG14
COM0~COM7
SEG4~SEG18
SCL
SDA
VDD
VSS
HOST
VDD
VSS
HT16C21
VDD
VSS
0.1uF
VLCD
4.7KΩ
4.7KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com