Electronic Components Datasheet Search
  English  ▼

X  

DG641 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG641
Description  Low On-Resistance Wideband/Video Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG641 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG641 Datasheet HTML 1Page - Vishay Siliconix DG641 Datasheet HTML 2Page - Vishay Siliconix DG641 Datasheet HTML 3Page - Vishay Siliconix DG641 Datasheet HTML 4Page - Vishay Siliconix DG641 Datasheet HTML 5Page - Vishay Siliconix DG641 Datasheet HTML 6Page - Vishay Siliconix DG641 Datasheet HTML 7Page - Vishay Siliconix DG641 Datasheet HTML 8Page - Vishay Siliconix DG641 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Vishay Siliconix
DG641, DG642, DG643
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
www.vishay.com
1
Low On-Resistance Wideband/Video Switches
FEATURES
•
Wide bandwidth: 500 MHz
•
Low crosstalk at 5 MHz: - 85 dB
•Low RDS(on): 5 , DG642
•
TTL logic compatible
•
Fast switching: tON 50 ns
•
Single supply compatibility
• High current: 100 mA, DG642
BENEFITS
•
High precision
•
Improved frequency response
•
Low insertion loss
•
Improved system performance
•
Reduced board space
•
Low power consumption
APPLICATIONS
•
RF and video switching
•
RGB switching
•
Video routing
•
Cellular communications
•ATE
•
Radar/FLIR systems
•
Satellite receivers
•
Programmable filters
DESCRIPTION
The
DG641,
DG642,
DG643
are
high
performance
monolithic video switches designed for switching wide
bandwidth analog and digital signals. DG641 is a quad
SPST, DG642 is a single SPDT, and DG643 is a dual SPDT
function.
These
devices
have
exceptionally
low
on-resistances (5
typ-DG642), low capacitance and high
current handling capability.
To achieve TTL compatibility, low channel capacitances and
fast switching times, the DG641, DG642, DG643 are built on
the Vishay Siliconix proprietary D/CMOS process. Each
switch conducts equally well in both directions when on, and
blocks up to 14 Vp-p when off. An epitaxial layer prevents
latchup.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
0.8 V
Logic “1”
 2.4 V
Logic “0”
0.8 V
Logic “1”
 2.4 V
Logic “0”
0.8 V
Logic “1”
2.4 V
TRUTH TABLE (DG641)
Logic
Switch
0
OFF
1ON
DG641
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
GND
S4
S3
D4
D3
IN4
IN3
Dual-In-Line and SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
TRUTH TABLE (DG642)
Logic
SW1
SW2
0
OFF
ON
1ON
OFF
DG642
D2
GND
Dual-In-Line and SOIC
S2
S1
IN
D1
V+
V
-
1
2
3
4
8
7
6
5
Top View
TRUTH TABLE (DG643)
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1ON
OFF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
GND
GND
S1
S2
V
-
V+
S4
S3
GND
GND
D4
D3
Dual-In-Line and SOIC
DG643


Similar Part No. - DG641

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
DG641 VISHAY-DG641 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG641 VISHAY-DG641 Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG641DJ VISHAY-DG641DJ Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
DG641DJ VISHAY-DG641DJ Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results

Similar Description - DG641

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
Low On-Resistance Wideband/Video Quad with Individual Control
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Vishay Siliconix
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Vishay Siliconix
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com