Electronic Components Datasheet Search
  English  ▼

X  

DG641 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG641
Description  Low On-Resistance Wideband/Video Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG641 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG641 Datasheet HTML 6Page - Vishay Siliconix DG641 Datasheet HTML 7Page - Vishay Siliconix DG641 Datasheet HTML 8Page - Vishay Siliconix DG641 Datasheet HTML 9Page - Vishay Siliconix DG641 Datasheet HTML 10Page - Vishay Siliconix DG641 Datasheet HTML 11Page - Vishay Siliconix DG641 Datasheet HTML 12Page - Vishay Siliconix DG641 Datasheet HTML 13Page - Vishay Siliconix DG641 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.vishay.com
10
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
Vishay Siliconix
DG641, DG642, DG643
APPLICATIONS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70058.
Figure 9. 2-Channel Video Selector Using the DG642
+
-
+ 15 V
V+
V-
- 3 V
TTL Channel Select
A = 2
Si582
CH1
CH2
DG642
DIS
250
75
250
75
RL
75
75
VOUT
S1
S2
D1
D2
Figure 10. Active Low Pass Filter with Selectable Inputs and Break Frequencies
fc
1
2
R
3Cx
fc SELECT
IN2
S2
S3
D2
D3
C1
C2
R3
1/2 DG643
R1
R2
VOUT
S1
S4
D1
D4
IN1
CH1
CH2
CH SELECT
LF401
-
+
1/2 DG643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com