Electronic Components Datasheet Search
  English  ▼

X  

DG641 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG641
Description  Low On-Resistance Wideband/Video Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG641 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG641 Datasheet HTML 1Page - Vishay Siliconix DG641 Datasheet HTML 2Page - Vishay Siliconix DG641 Datasheet HTML 3Page - Vishay Siliconix DG641 Datasheet HTML 4Page - Vishay Siliconix DG641 Datasheet HTML 5Page - Vishay Siliconix DG641 Datasheet HTML 6Page - Vishay Siliconix DG641 Datasheet HTML 7Page - Vishay Siliconix DG641 Datasheet HTML 8Page - Vishay Siliconix DG641 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
www.vishay.com
3
Vishay Siliconix
DG641, DG642, DG643
Notes:
a. Room = 25 °C, Full = as determined by the operating temperature suffix.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guaranteed by design, not subject to production test.
e. VIN = input voltage to perform proper function.
SPECIFICATIONS (for DG641 and DG643)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 3 V
VINH = 2.4 V, VINL = 0.8 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
V- = - 5 V, V+ = 12 V
Full
- 5
8
V
V- = GND V, V+ = 12 V
Full
0
8
Drain-Source On-Resistance
RDS(on)
IS = - 10 mA, VD = 0 V
Room
Full
815
20
RDS(on) Match
R
DS(on)
Room
1
2
Source Off Leakage Current
IS(off)
VS = 0 V, VD = 10 V
Room
Full
- 10
- 100
- 0.02
10
100
nA
Drain Off Leakage Current
ID(off)
VS = 10 V, VD = 0 V
Room
Full
- 10
- 100
- 0.02
10
100
Channel On Leakage Current
ID(on)
VS = VD = 0 V
Room
Full
- 10
- 100
- 0.1
10
100
Digital Control
Input Voltage High
VINH
Full
2.4
V
Input Voltage Low
VINL
Full
0.8
Input Current
IIN
VIN = GND or V+
Room
Full
- 1
- 20
0.05
1
20
µA
Dynamic Characteristics
On State Input Capacitanced
CS(on)
VS = VD = 0 V
Room
10
20
pF
Off State Output Capacitanced
CS(off)
VS = 0 V
Room
4
12
Off State Input Capacitanced
CD(off)
VD = 0 V
Room
4
12
Bandwidth
BW
RL = 50 see figure 6
Room
500
MHz
Turn On Time
tON
RL = 1 kCL = 35 pF
see figure 2
Room
Full
50
70
140
ns
Turn Off Time
tOFF
Room
Full
28
50
85
Charge Injection
Q
CL = 1000 pF, VD = 0 V
see figure 3
Room
- 19
pC
Off Isolation
OIRR
RIN = 75 RL = 75 
f = 5 MHz, see figure 4
Room
- 60
dB
All Hostie Crosstalk
XTALK
RIN = 10 , RL = 75 
f = 5 MHz, see figure 5
Room
- 87
Power Supplies
Positive Supply Current
I+
VIN = 0 V or VIN = 5 V
Room
Full
3.5
6
9
mA
Negative Supply Current
I-
Room
Full
- 6
- 9
- 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com