Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG9421 Datasheet HTML 2Page - Vishay Siliconix DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix DG9421 Datasheet HTML 9Page - Vishay Siliconix DG9421 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 70679
S11-1429-Rev. G, 18-Jul-11
Vishay Siliconix
DG9421, DG9422
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
0
2
4
6
8
10
02468
10
VCOM - Analog Voltage (V)
V+ = 12 V
V+ = 10.8 V
V+ = 5.0 V
V+ = 3.0 V
T = 25 °C
IS = 5 mA
12
Drain Voltage (V)
A
B
C
0
2
4
6
8
- 5
- 3
- 1
1
3
5
V± = ± 5 V
IS = 5 mA
A = 85 °C
B = 25 °C
C = - 40 °C
Input Switching Frequences (Hz)
10 m
1 m
100 µ
10 µ
1 µ
100 n
10 n
10
100
1K
10K
100K
1M
10M
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Leakage Current vs. Temperature
VCOM - Analog Voltage (V)
A
B
C
A
B
C
0
2
4
6
8
10
IS = 5 mA
V+ = 3.0 V
V+ = 5.0 V
A = 85 °C
B = 25 °C
C = - 40 °C
0123
4
5
Temperature (°C)
- 60
- 40
- 20
0
20
40
60
80
100
1000
100
10
V+ = ± 5 V
VIN = 0 V
- 60
- 40
- 20
0
20
40
60
80
100
100
10
1
V+ = 5 V
V- = 0 V
I(on)
Temperature (°C)
I(off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com