Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix DG9421 Datasheet HTML 9Page - Vishay Siliconix DG9421 Datasheet HTML 10Page - Vishay Siliconix DG9421 Datasheet HTML 11Page - Vishay Siliconix DG9421 Datasheet HTML 12Page - Vishay Siliconix DG9421 Datasheet HTML 13Page - Vishay Siliconix DG9421 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AN823
Vishay Siliconix
www.vishay.com
2
Document Number: 71743
27-Feb-04
255 − 260_C
1X4_C/s (max)
3-6_C/s (max)
10 s (max)
Reflow Zone
Pre-Heating Zone
3_C/s (max)
140 − 170_C
Maximum peak temperature at 240_C is allowed.
FIGURE 3.
Solder Reflow Temperature and Time Durations
60-120 s (min)
217_C
60 s (max)
THERMAL PERFORMANCE
A basic measure of a device’s thermal performance is the
junction-to-case
thermal
resistance,
Rqjc,
or
the
junction-to-foot thermal resistance, Rqjf. This parameter is
measured for the device mounted to an infinite heat sink and
is therefore a characterization of the device only, in other
words, independent of the properties of the object to which the
device is mounted. Table 1 shows the thermal performance
of the TSOP-6.
TABLE 1.
Equivalent Steady State Performance—TSOP-6
Thermal Resistance Rqjf
30_C/W
SYSTEM AND ELECTRICAL IMPACT OF
TSOP-6
In any design, one must take into account the change in
MOSFET rDS(on) with temperature (Figure 4).
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 6.1 A
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
FIGURE 4.
Si3434DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com