Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9421 Datasheet HTML 1Page - Vishay Siliconix DG9421 Datasheet HTML 2Page - Vishay Siliconix DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix DG9421 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
DG9421, DG9422
Document Number: 70679
S11-1429-Rev. G, 18-Jul-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
FEATURES
•
Halogen-free according to IEC 61249-2-21
Definition
•
2.7 V thru 12 V single supply or
± 2.7 V thru ± 6 V dual supply
•
Low on-resistance - RDS(on): 2  at 12 V
•
Fast switching - tON: 22 ns
- tOFF: 28 ns
•
TTL and low voltage logic
•
Low leakage: 10 pA (typ.)
•
> 2000 V ESD protection
BENEFITS
•
High accuracy
•
High speed, low glitch
•
Single and dual supply capability
•
Low RON in small TSOP package
•
Low leakage
•
Low power consumption
APPLICATIONS
•
Automatic test equipment
•
Data acquisition
•
XDSL and DSLAM
•
PBX systems
•
Reed relay replacement
•
Audio and video signal routing
DESCRIPTION
Using BiCMOS wafer fabrication technology allows the
DG9421, DG9422 to operate on single and dual supplies.
Designed for optimal performance at single 5 V and dual
± 5 V, the DG9421, DG9422 combine low and flat
on-resistance (3
), fast speed (t
ON = 38 ns) and is well
suited for applications where signal switching accuracy, low
noise and low distortion is critical.
The DG9421 and DG9422 respond to opposite control logic
as shown in the Truth Table.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
0.8 V
Logic "1"
2.4 V
Switches Shown for Logic "0" Input
* Pb containing terminations are not RoHS compliant, exemptions may apply
IN
NC
GND
1
2
3
6
5
Top View
V+
COM
V-
4
TSOP-6
Device Marking:
DG9421DV = 4Exxx
IN
NO
GND
1
2
3
6
5
Top View
V+
COM
V-
4
TSOP-6
Device Marking:
DG9422DV = 4Fxxx
TRUTH TABLE
Logic
DG9421
DG9422
0ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
6/Pin TSOP
DG9421DV-T1
DG9421DV-T1-E3
DG9422DV-T1
DG9422DV-T1-E3


Similar Part No. - DG9421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
26-Aug-02
DG9421 VISHAY-DG9421 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG9421 VISHAY-DG9421 Datasheet
257Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
08-Dec-14
DG9421DV VISHAY-DG9421DV Datasheet
71Kb / 8P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
26-Aug-02
DG9421DV-T1 VISHAY-DG9421DV-T1 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
More results

Similar Description - DG9421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
High-Speed, Low-Glitch D/CMOS Analog Switches
13-Sep-99
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
26-Aug-02
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
Precision Monolithic Low-Voltage CMOS Analog Switches
14-May-07
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
08-Dec-14
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
Precision Monolithic Low-Voltage CMOS Analog Switches
19-Aug-13
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com