Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix DG9421 Datasheet HTML 9Page - Vishay Siliconix DG9421 Datasheet HTML 10Page - Vishay Siliconix DG9421 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Document Number: 70679
S11-1429-Rev. G, 18-Jul-11
www.vishay.com
7
Vishay Siliconix
DG9421, DG9422
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Leakage vs. Analog Voltage
Insertion Loss, Off Isolation vs. Frequency
- 60
- 40
- 20
0
20
40
60
80
100
100
10
0.1
V+ = ± 5 V
I(on)
Temperature (°C)
1
I(off)
- 400
- 300
- 200
- 100
0
100
200
300
400
02468
10
12
VCOM, VNO, VNC - Analog Voltage (V)
INO(off)/INC(off)
ICOM(on)
V+ = 12 V
V- = 0 V
ICOM(off)
100K
- 90
1M
- 30
10
- 70
- 50
100M
Frequency (MHz)
- 80
OIRR
Loss
10M
- 10
0
- 60
- 40
- 20
V+ = 3 V
RL = 50 Ω
1G
Leakage vs. Analog Voltage
Switching Time vs. Temperature and
Supply Voltage (DG9421)
Switching Threshold vs. Supply Voltage
- 100
- 60
- 20
20
60
100
VCOM, VNO, VNC - Analog Voltage (V)
INO(off)/INC(off)
ICOM(on)
V+ = 5 V
V- = 0 V
ICOM(off)
01
5
23
4
0
20
40
60
80
100
120
- 60
- 40
- 20
0
20
40
60
80
100
tON V+ = 3 V
Temperature (°C)
tON V+ = 5 V
tON V+ = 12 V
tOFF V+ = 12 V
tOFF V+ = 5 V
tOFF V+ = 3 V
0.0
0.5
1.0
1.5
2.0
2.5
02
46
8
10
12
V+ - Supply Voltage (V)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com