Electronic Components Datasheet Search
  English  ▼

X  

AR1100 Datasheet(PDF) 23 Page - Microchip Technology

Part # AR1100
Description  AR1100 Resistive USB and RS-232 Touch Screen Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1100 Datasheet(HTML) 23 Page - Microchip Technology

Back Button AR1100 Datasheet HTML 19Page - Microchip Technology AR1100 Datasheet HTML 20Page - Microchip Technology AR1100 Datasheet HTML 21Page - Microchip Technology AR1100 Datasheet HTML 22Page - Microchip Technology AR1100 Datasheet HTML 23Page - Microchip Technology AR1100 Datasheet HTML 24Page - Microchip Technology AR1100 Datasheet HTML 25Page - Microchip Technology AR1100 Datasheet HTML 26Page - Microchip Technology AR1100 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
 2011 Microchip Technology Inc.
DS41606B-page 23
AR1100 RESISTIVE USB AND RS-232 TOUCH SCREEN CONTROLLER
5.6
Command: REG_WRITE
Write one or more operational registers.
COMMAND PACKET:
RESPONSE PACKET:
5.7
Command: EE_READ
Read one or more bytes from EEPROM.
COMMAND PACKET:
RESPONSE PACKET:
5.8
Command: EE_WRITE
Write one or more bytes to EEPROM.
COMMAND PACKET:
RESPONSE PACKET:
TABLE 5-11:
COMMAND: REG_WRITE
BYTE#
VALUE
DESCRIPTION
1
0x55
SYNC
2
N+2
SIZE (N = # of REGS to
WRITE)
30x21
COMMAND
4
0x00
REGISTER ADDRESS
(MSB)
5
ADR
REGISTER ADDRESS
(LSB)
6
REG[ADR]
REGISTER VALUE
...
...
REGISTER VALUE(S)
5+N
REG[ADR+N-1]
REGISTER VALUE
TABLE 5-12:
RESPONSE: REG_WRITE
BYTE#
VALUE
DESCRIPTION
1
0x55
SYNC
20x02
SIZE
3STATUS
STATUS
40x21
COMMAND
TABLE 5-13:
COMMAND: EE_READ
BYTE#
VALUE
DESCRIPTION
1
0x55
SYNC
20x04
SIZE
30x28
COMMAND
4
0x00
EE ADDRESS (MSB)
5
ADR
EE ADDRESS (LSB)
6
N
Number of bytes to read
TABLE 5-14:
RESPONSE: EE_READ
BYTE#
VALUE
DESCRIPTION
1
0x55
SYNC
2
N+2
SIZE (N = # of BYTES to
WRITE)
3
STATUS
STATUS
4
0x28
COMMAND
5
EE[ADR]
EE VALUE
...
...
EE VALUE VALUE(S)
4+N
EE[ADR+N-1]
EE VALUE
TABLE 5-15:
COMMAND: EE_WRITE
BYTE#
VALUE
DESCRIPTION
1
0x55
SYNC
2
4+N
SIZE (N = # of REGS to
WRITE)
3
0x29
COMMAND
4
0x00
EE ADDRESS (MSB)
5
ADR
EE ADDRESS (LSB)
6
EE[ADR]
EE VALUE
...
...
EE VALUE(S)
5+N
EE[ADR+N-1]
EE VALUE
TABLE 5-16:
RESPONSE: EE_WRITE
BYTE#
VALUE
DESCRIPTION
1
0x55
SYNC
22
SIZE
3
STATUS
STATUS
4
0x29
COMMAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com