Electronic Components Datasheet Search
  English  ▼

X  

AR1100 Datasheet(PDF) 17 Page - Microchip Technology

Part # AR1100
Description  AR1100 Resistive USB and RS-232 Touch Screen Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1100 Datasheet(HTML) 17 Page - Microchip Technology

Back Button AR1100 Datasheet HTML 13Page - Microchip Technology AR1100 Datasheet HTML 14Page - Microchip Technology AR1100 Datasheet HTML 15Page - Microchip Technology AR1100 Datasheet HTML 16Page - Microchip Technology AR1100 Datasheet HTML 17Page - Microchip Technology AR1100 Datasheet HTML 18Page - Microchip Technology AR1100 Datasheet HTML 19Page - Microchip Technology AR1100 Datasheet HTML 20Page - Microchip Technology AR1100 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
 2011 Microchip Technology Inc.
DS41606B-page 17
AR1100 RESISTIVE USB AND RS-232 TOUCH SCREEN CONTROLLER
4.2.1.3
Mode: HID-DIGITIZER
Touch report format:
For flexibility, the value and behavior of the ‘tip switch’
data entity (“T”) and touch reporting react to and is
defined by the ‘Touch mode’ parameter (similar to ‘pen
state’ bit in HID-GENERIC or UART).
4.2.2
COMMAND PACKETS
PACKETs are used for all communications, other than
touch reports (i.e., configuration/control). COMMAND
packets (issued by the host) and RESPONSE packets
(issued by the device) have identical framework but dif-
fer slightly in format, as described below. In standard
operation, communication is initiated by the host then
acknowledged by the device. In some diagnostic sce-
narios (not discussed here) – a COMMAND packet
does not necessarily dictate a response from the
device and, in other cases, a RESPONSE packet may
be issued by the device unsolicited.
TABLE 4-5:
TOUCH REPORT FORMAT – DIGITIZER
BYTE
BIT
76
5
4
3
2
1
0
10
0
0
0
0
0
P
T
20
0
0
0
0
0
0
0
3
X7
X6
X5
X4X3X2
X1
X0
40
0
0
0
X11
X10
X9
X8
5
Y7
Y6
Y5
Y4Y3Y2
Y1
Y0
60
0
0
0
Y11
Y10
Y9
Y8
T
Tip switch
P
Proximity (in range) – always 1
X
X ordinate of touch location (12 bits)
Y
X ordinate of touch location (12 bits)
TABLE 4-6:
TOUCH MODE OPTIONS – DIGITIZER
MODE
SUPPORTED EVENT
BEHAVIOR
PD
PU
PM
0
X
X
X
NO REPORT
1
X
X
X
REPORT (T=0)
2
X
X
X
REPORT (T=1)
3
X
X
X
REPORT (T=1), REPORT (T=0)
4
X
X
REPORT (T=0), REPORT (T=1), REPORT (T=0)
5
X
X
REPORT (T=0), REPORT (T=1)
PD
Pen down
PU
Pen up
PM
Pen move
Report
Touch report



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com