Electronic Components Datasheet Search
  English  ▼

X  

AR1100 Datasheet(PDF) 38 Page - Microchip Technology

Part # AR1100
Description  AR1100 Resistive USB and RS-232 Touch Screen Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1100 Datasheet(HTML) 38 Page - Microchip Technology

Back Button AR1100 Datasheet HTML 34Page - Microchip Technology AR1100 Datasheet HTML 35Page - Microchip Technology AR1100 Datasheet HTML 36Page - Microchip Technology AR1100 Datasheet HTML 37Page - Microchip Technology AR1100 Datasheet HTML 38Page - Microchip Technology AR1100 Datasheet HTML 39Page - Microchip Technology AR1100 Datasheet HTML 40Page - Microchip Technology AR1100 Datasheet HTML 41Page - Microchip Technology AR1100 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
AR1100 RESISTIVE USB AND RS-232 TOUCH SCREEN CONTROLLER
DS41606B-page 38
 2011 Microchip Technology Inc.
141
8D
142
8E
nx_offset[4]
calculated 16-bit calibration point offset – xaxis
143
8F
144
90
ny_offset[0]
calculated 16-bit calibration point offset – yaxis
145
91
146
92
ny_offset[1]
calculated 16-bit calibration point offset – yaxis
147
93
148
94
ny_offset[2]
calculated 16-bit calibration point offset – yaxis
149
95
150
96
ny_offset[3]
calculated 16-bit calibration point offset – yaxis
151
97
152
98
ny_offset[4]
calculated 16-bit calibration point offset – yaxis
153
99
154
9A
xy [0,0]
calibration point 0, X ordinate (16 bit)
155
9B
156
9C
xy [1,0]
calibration point 0, Y ordinate (16 bit)
157
9D
158
9E
xy [0,1]
calibration point 1, X ordinate (16 bit)
159
9F
160
A0
xy [1,1]
calibration point 1, Y ordinate (16 bit)
161
A1
162
A2
...
calibration point(s)
...
...
249
F9
250
FA
xy [24,1]
calibration point 24, X ordinate (16 bit)
251
FB
252
FC
xy [24,1]
calibration point 24, Y ordinate (16 bit)
253
FD
254
FE
usb_mode
USB MODE (GENERIC, MOUSE, DIGITIZER)
255
FF
boot_mode
BOOT MODE (0 = NORMAL/NON-BOOT)
TABLE 9-1:
EEPROM MAP (CONTINUED)
ADDR(D) ADDR(D)
Value
Description
Note 1:
Locations 0xFE, 0xFF are off-limits and should not be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com