Electronic Components Datasheet Search
  English  ▼

X  

AR1100 Datasheet(PDF) 41 Page - Microchip Technology

Part # AR1100
Description  AR1100 Resistive USB and RS-232 Touch Screen Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1100 Datasheet(HTML) 41 Page - Microchip Technology

Back Button AR1100 Datasheet HTML 37Page - Microchip Technology AR1100 Datasheet HTML 38Page - Microchip Technology AR1100 Datasheet HTML 39Page - Microchip Technology AR1100 Datasheet HTML 40Page - Microchip Technology AR1100 Datasheet HTML 41Page - Microchip Technology AR1100 Datasheet HTML 42Page - Microchip Technology AR1100 Datasheet HTML 43Page - Microchip Technology AR1100 Datasheet HTML 44Page - Microchip Technology AR1100 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
 2011 Microchip Technology Inc.
DS41606B-page 41
AR1100 RESISTIVE USB AND RS-232 TOUCH SCREEN CONTROLLER
11.0 PACKAGING INFORMATION
11.1
Package Marking Information
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
20-Lead SSOP (5.30 mm)
Example
20-Lead SOIC (7.50 mm)
Example
XXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXX
XXXXXXXXXXXX
20-Lead QFN (5x5x0.9 mm)
Example
PIN 1
PIN 1
AR1100
I/SS
AR1100
I/SO
AR1100
I/MQ
3
e
3
e
3
e
1042256
1042256
1042256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com