Electronic Components Datasheet Search
  English  ▼

X  

78M6613-IM/F/P Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 78M6613-IM/F/P
Description  Single-Phase AC Power Measurement IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

78M6613-IM/F/P Datasheet(HTML) 1 Page - Maxim Integrated Products

  78M6613-IM/F/P Datasheet HTML 1Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 2Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 3Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 4Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 5Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 6Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 7Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 8Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
78M6613
Single-Phase
AC Power Measurement IC
DATA SHEET
DS_6613_018
Rev 2
1
19-5348; Rev 2; 1/12
DESCRIPTION
The Teridian™ 78M6613 is a highly integrated IC for
simplified implementation of single-phase AC power
measurement into power supplies, smart appliances, and
other applications with embedded AC load monitoring and
control. It is packaged in a small, 5mm x 5mm, 32-pin QFN
package for optimal space savings.
At the measurement interface, the device provides four
analog inputs for interfacing to voltage and current sensors.
Voltages from the sensors are fed to our Single Converter
Technology® that uses a 22-bit delta-sigma ADC,
independent
32-bit
compute engine (CE), digital
temperature
compensation,
and
precision
voltage
references to provide better than 0.5% power measurement
accuracy over a wide 2000:1 dynamic range.
The integrated MPU core and 32 KB of flash memory
provides a flexible means of configuration, post-processing,
data formatting, and interfacing to any host processor
through the UART interface and/or DIO pins. Complete
application firmware is available and can be preloaded into
the IC during manufacturing test. Alternatively, a complete
array of ICE, development tools, and programming libraries
are available to allow customization for each application.
80515
MPU
TIMERS
A0
A1
XIN
XOUT
VREF
TX
RX
V3P3
GND
DIO 4-8
DIO 14-17, 19
ICE
SERIAL PORT
OSC/PLL
CONVERTER
DIO, PULSE
32-bit
COMPUTE
ENGINE
32KB
FLASH
2KB RAM
VOLTAGE REF
REGULATOR
Earth Ground
Isolated Supply
TERIDIAN
78M6613
32 kHz
LIVE
NEUT
ICE_E
GND
V3P3
TEMP
SENSOR
A2
A3
FEATURES
•
< 0.5% Wh Accuracy Over Wide 2000:1
Current Range and Over Temperature
•
Voltage Reference < 40ppm/°C
•
Four Sensor Inputs—V3P3A Referenced
•
22-Bit Delta-Sigma ADC with Independent
32-Bit Compute Engine (CE)
•
8-Bit MPU (80515), One Clock Cycle per
Instruction with 2KB MPU XRAM
•
32KB Flash with Security
•
Integrated In-Circuit Emulator (ICE) Interface
for MPU Debug
•
32kHz Time Base with Hardware Watchdog
Timer
•
UART Interface and Up to 10 General-
Purpose 5V Tolerant I/O Pins
•
Packaged in a RoHS-Compliant (6/6)
Lead(Pb)-Free, 32-Pin QFN (5mm x 5mm)
•
Complete Application Firmware Provides:
o True RMS Calculations for Current,
Voltage, Line Frequency, Real Power,
Reactive Power, Apparent Power, and
Power Factor
o Accumulated Watt-Hours, Kilowatt-Hours
o Intelligent Switch Control at Zero
Crossings
o Digital Temperature Compensation
o Phase Compensation (±15°)
o Quick Calibration Routines
o 46–64Hz Line Frequency Range with
Same Calibration
Teridian is a trademark and Single Converter Technology is a
registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - 78M6613-IM/F/P

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
78M6613-IM/F/P SILERGY-78M6613-IM/F/P Datasheet
813Kb / 33P
Single-Phase AC Power Measurement IC
More results

Similar Description - 78M6613-IM/F/P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ314 MAXIM-MAXQ314 Datasheet
1,020Kb / 16P
Single-Phase Power-Measurement IC with I2C Interface
Rev 0; 11/09
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
78M6613 TERIDIAN-78M6613 Datasheet
963Kb / 33P
Single-Phase AC Power Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
3-Phase Power-Measurement IC
Rev 1; 1/12
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Analog Devices
ADE7953 AD-ADE7953 Datasheet
804Kb / 68P
Single Phase, Multifunction Metering IC with Neutral Current Measurement
REV. A
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
Single-Phase AC Power Measurement IC
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
3-Phase Power-Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com