Electronic Components Datasheet Search
  English  ▼

X  

78M6613-IM/F/P Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # 78M6613-IM/F/P
Description  Single-Phase AC Power Measurement IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

78M6613-IM/F/P Datasheet(HTML) 4 Page - Maxim Integrated Products

  78M6613-IM/F/P Datasheet HTML 1Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 2Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 3Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 4Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 5Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 6Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 7Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 8Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
78M6613 Data Sheet
DS_6613_018
4
Rev 2
A0
A1
MUX
XIN
XOUT
VREF
CKADC
CKTEST
CE
32 bit Compute
Engine
MPU
(80515)
CE
CONTROL
RESET
EMULATOR
PORT
UART
TX
RX
DATA
00-7F
PROG
000-7FF
DATA
0000-FFFF
PROG
0000-7FFF
0000-
7FFF
MPU XRAM
(2KB)
0000-07FF
DIGITAL I/O
2000-20FF
CE RAM
(0.5KB)
MEMORY SHARE
1000-11FF
RTCLK (32KHz)
MUX_SYNC
CKCE
CKMPU
CK32
4.9152MHz
<4.9152MHz
4.9152MHz
V3P3A
VOLT
REG
32KHz
TMUXOUT
MPU_RSTZ
GNDA
VBIAS
CROSS
CK_GEN
OSC
(32KHz)
CK32
MCK
PLL
VREF
DIV
ADC
MUX
CTRL
STRT
MUX
MUX
CKFIR
4.9152MHz
DIO14
TEST
TEST
MODE
<4.9152MHz
DIO8
SDCK
SDOUT
SDIN
E_RXTX
E_TCLK
E_RST
FLASH
(32KB)
V3P3
FIR
CK_2X
VBIAS
MEMORY
SHARE
E_RXTX
E_TCLK
E_RST (Open Drain)
ICE_E
∆Σ
ADC
CONVERTER
+
-
VREF
TEST
MUX
TEMP
A2
A3
V3P3D
GNDD
DIO4
DIO5
DIO6
DIO7
DIO19
DIO17
DIO16
DIO15
Figure 1: IC Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com