Electronic Components Datasheet Search
  English  ▼

X  

78M6613-IM/F/P Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # 78M6613-IM/F/P
Description  Single-Phase AC Power Measurement IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

78M6613-IM/F/P Datasheet(HTML) 3 Page - Maxim Integrated Products

  78M6613-IM/F/P Datasheet HTML 1Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 2Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 3Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 4Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 5Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 6Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 7Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 8Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DS_6613_018
78M6613 Data Sheet
Rev 2
3
4.5 Timing Specifications............................................................................................................24
4.5.1 RAM and Flash Memory............................................................................................24
4.5.2 RESET......................................................................................................................24
4.5.3 Typical Performance Data.........................................................................................25
5
Packaging ....................................................................................................................................26
5.1 Pinout ...................................................................................................................................26
5.2 Package Outline (QFN 32)....................................................................................................27
5.3 Recommended PCB Land Pattern for the QFN-32 Package ................................................. 28
6
Pin Descriptions..........................................................................................................................29
6.1 Power/Ground Pins...............................................................................................................29
6.2 Analog Pins ..........................................................................................................................29
6.3 Digital Pins ...........................................................................................................................30
7
I/O Equivalent Circuits ................................................................................................................31
8
Ordering Information...................................................................................................................32
9
Contact Information ....................................................................................................................32
Revision History..................................................................................................................................33
Fig
ures
Figure 1: IC Functional Block Diagram .................................................................................................... 4
Figure 2: AFE Block Diagram .................................................................................................................. 7
Figure 3: Connecting an External Load to DIO Pins............................................................................... 10
Figure 4: Voltage. Current, Momentary and Accumulated Energy.......................................................... 11
Figure 5: MPU/CE Data Flow ................................................................................................................ 12
Figure 6: MPU/CE Communication........................................................................................................ 13
Figure 7: Resistive Voltage Divider........................................................................................................ 14
Figure 8: Resistive Current Shunt.......................................................................................................... 14
Figure 9: Current Transformer ............................................................................................................... 14
Figure 10: Connections for the RX Pin................................................................................................... 16
Figure 11: 78M6613 External Reset Behavior........................................................................................ 17
Figure 12: MAX810S Connections to the 78M6613................................................................................ 17
Figure 13: Reset Generator Based On TL431 Shunt Regulator.............................................................. 18
Figure 14: External Components for the Emulator Interface .................................................................. 18
Figure 15: Wh Accuracy, 10 mA to 20 A at 120 V/60 Hz and Room Temperature Using a 4 mΩ
Current Shunt....................................................................................................................... 25
Figure 16: Typical Measurement Accuracy over Temperature Relative to 25°C..................................... 25
Figure 17: 32-Pin QFN Pinout ............................................................................................................... 26
Figure 18: Package Outline (QFN 32).................................................................................................... 27
Figure 19: Recommended PCB Land Pattern Dimensions..................................................................... 28
Figure 20: I/O Equivalent Circuits.......................................................................................................... 31
Table
Table 1: Inputs Selected in Regular and Alternate Multiplexer Cycles...................................................... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com