Electronic Components Datasheet Search
  English  ▼

X  

78M6613-IM/F/P Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # 78M6613-IM/F/P
Description  Single-Phase AC Power Measurement IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

78M6613-IM/F/P Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button 78M6613-IM/F/P Datasheet HTML 15Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 16Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 17Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 18Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 19Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 20Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 21Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 22Page - Maxim Integrated Products 78M6613-IM/F/P Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
DS_6613_018
78M6613 Data Sheet
Rev 2
19
3.8 Crystal Oscillator
The oscillator of the 78M6613 drives a standard 32.768 kHz watch crystal. The oscillator has been
designed specifically to handle these crystals and is compatible with their high impedance and limited
power handling capability. Good layouts will have XIN and XOUT shielded from each other.
Since the oscillator is self-biasing, an external resistor must not be connected across the crystal.
3.9 Flash Programming
Operational or test code can be programmed into the Flash memory using either an in-circuit emulator or
the Flash Programmer Module (TFP-2) available from Maxim. The Flash programming procedure uses
the E_RST, E_RXTX, and E_TCLK pins.
3.10 MPU Firmware Library
Any application-specific MPU functions mentioned above are available from Maxim as a standard ANSI
C library and as ANSI “C” source code. The code is pre-programmed in Demonstration and Evaluation
Kits for the 78M6613 IC and can be pre-programmed into engineering IC samples for system evaluation.
The application code allows for quick and efficient evaluation of the IC without having to write firmware
or having to purchase an in-circuit emulator (ICE). A Software Licensing Agreement (SLA) can be
signed to receive either the source Flash HEX file for use in a production environment or (partial) source
code and SDK documentation for modification.
3.11 Measurement Calibration
Once the 78M6613 Power and Energy Measurement device has been installed in a measurement
system, it is typically calibrated for tolerances of the current sensors, voltage dividers and signal
conditioning components. The device can be calibrated using a single gain and a single phase
adjustment factors accessible to the CE. The gain adjustment is used to compensate for tolerances of
components used for signal conditioning, especially the resistive components. Phase adjustment is
provided to compensate for phase shifts introduced by certain types of current sensors.
Due to the flexibility of the MPU firmware, any calibration method, such as calibration based on energy,
or current and voltage can be implemented. It is also possible to implement segment-wise calibration
(depending on current range). Maxim software supports a “quick cal” method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com