Electronic Components Datasheet Search
  English  ▼

X  

DS4830 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS4830
Description  Optical Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4830 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS4830 Datasheet HTML 9Page - Maxim Integrated Products DS4830 Datasheet HTML 10Page - Maxim Integrated Products DS4830 Datasheet HTML 11Page - Maxim Integrated Products DS4830 Datasheet HTML 12Page - Maxim Integrated Products DS4830 Datasheet HTML 13Page - Maxim Integrated Products DS4830 Datasheet HTML 14Page - Maxim Integrated Products DS4830 Datasheet HTML 15Page - Maxim Integrated Products DS4830 Datasheet HTML 16Page - Maxim Integrated Products DS4830 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products  13
DS4830
Optical Microcontroller
Pin Description (continued)
PIN
NAME
INPUT
STRUCTURE(S)
OUTPUT
STRUCTURE
POWER-ON
STATE
SELECTABLEFUNCTIONS
(FIRSTCOLUMNISDEFAULTFUNCTION)
PORT
9
GP3
SH input, ADC Input
None
High
Impedance
ADC-S3
ADC-
SHN0
ADC-
D1N
—
—
10
GP4
ADC/Digital Input
Push-Pull
55µA Pullup
JTAG TCK
ADC-S4
ADC-
D2P
—
P6.0
11
GP5
ADC/Digital Input
Push-Pull
55µA Pullup
JTAG TDI
ADC-S5
ADC-
D2N
—
P6.1
12
GP6
ADC/Digital Input
Push-Pull
55µA Pullup
ADC-S6
ADC-
D3P
PW2
SPI
SSPIDO
P2.2
13
GP7
ADC/Digital Input
Push-Pull
55µA Pullup
ADC-S7
ADC-
D3N
PW3
SPI
SSPICS
P2.3
14
GP8
ADC/Digital I/P,
External Temp A+ I/P
(ADC-TEXT_A)
Push-Pull
55µA Pullup
ADC-S8
ADC-
D4P
—
—
P2.4
15
GP9
ADC/Digital I/P,
External Temp A- I/P
(ADC-TEXT_A)
Push-Pull
55µA Pullup
ADC-S9
ADC-
D4N
—
—
P2.5
16
REG18
VREG, ADC Input
(ADC-1P8)
None
1.8V
Pin for 1.8V regulator bypass capacitor
—
17
GP10
ADC/Digital I/P,
External Temp A+ I/P
(ADC-TEXT_B)
Push-Pull
55µA Pullup
JTAG TMS
ADC-
S10
ADC-
D5P
—
P6.2
18
GP11
ADC/Digital I/P,
External Temp A+ I/P
(ADC-TEXT_B)
Push-Pull
55µA Pullup
JTAG TDO
ADC-
S11
ADC-
D5N
—
P6.3
19
GP12
SH Input, ADC/Digital
Input
Push-Pull
55µA Pullup
ADC-S12
ADC-
SHP1
ADC-
D6P
—
P0.0
20
GP13
SH Input, ADC/Digital
Input
Push-Pull
55µA Pullup
ADC-S13
ADC-
SHN1
ADC-
D6N
—
P0.1
21
GP14
ADC/Digital Input
Push-Pull
55µA Pullup
ADC-S14
ADC-
D7P
SHEN1
—
P0.2
22
GP15
ADC/Digital Input
Push-Pull
55µA Pullup
ADC-S15
ADC-
D7N
—
—
P0.3
23
SHEN
Digital
Push-Pull
55µA Pullup
SHEN0
—
—
—
P6.4
24
MDIO
Digital
Push-Pull
55µA Pullup
3-Wire Data
MDIO
I2C
MSDA
SPI
MSPIDO
PW4
P1.0
25
MDI
Digital
Push-Pull,
Strong
55µA Pullup
—
—
SPI
MSPIDI
PW5
P1.3
26
MCL
Digital
Push-Pull
55µA Pullup
3-Wire Clock
MCL
I2C
MSCL
SPI
MSPICK
PW6
P1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com