Electronic Components Datasheet Search
  English  ▼

X  

DS4830 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4830
Description  Optical Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4830 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4830 Datasheet HTML 1Page - Maxim Integrated Products DS4830 Datasheet HTML 2Page - Maxim Integrated Products DS4830 Datasheet HTML 3Page - Maxim Integrated Products DS4830 Datasheet HTML 4Page - Maxim Integrated Products DS4830 Datasheet HTML 5Page - Maxim Integrated Products DS4830 Datasheet HTML 6Page - Maxim Integrated Products DS4830 Datasheet HTML 7Page - Maxim Integrated Products DS4830 Datasheet HTML 8Page - Maxim Integrated Products DS4830 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
����������������������������������������������������������������� Maxim Integrated Products  3
DS4830
Optical Microcontroller
DCELECTRICALCHARACTERISTICS(continued)
(VDD = 3V to 3.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Clock Frequencies
fOSC-
PERIPHERAL
TA = +25NC (Note 5)
20
MHz
fMOSC-CORE TA = +25NC (Note 5)
10
Clock Error
fERR
TA = -40NC to +85NC
±5.5
%
External Clock Input
fXCLK
20
133
MHz
Voltage Range: GP[15:0],
SHEN, DACPW[7:0], REFINA,
REFINB
(Note 1)
-0.3
VDD +
0.3
V
Output Logic-Low: SCL,
SDA, MDIO, MDI, MCL, MCS,
REFINA, REFINB, All GPIO Pins
VOL1
IOL = 4mA (Note 1)
0.4
V
Output Logic-High: SDA, MDIO,
MDI, MCL, MCS, REFINA,
REFINB, All GPIO Pins Not
Open Drain
VOH1
IOH = -4mA (Note 1)
VDD -
0.5
V
Pullup Current: MDIO, MDI,
MCL, MCS, All GPIO Pins
IPU1
VPIN = 0V
26
55
78
F
A
GPIO Drive Strength, Extra
Strong Outputs: GP0, GP1,
MCS, PW8, PW9
RHISt
9
27.6
W
RLOSt
8
25.2
GPIO Drive Strength, Strong
Outputs: MDI, DACPW3,
DACPW6
RHIA
17
32.4
W
RLOA
12
26.4
GPIO Drive Strength, Excluding
Strong GPIO Outputs
RHIB
27
57
W
RLOB
31
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com