Electronic Components Datasheet Search
  English  ▼

X  

DS4830 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS4830
Description  Optical Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4830 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS4830 Datasheet HTML 15Page - Maxim Integrated Products DS4830 Datasheet HTML 16Page - Maxim Integrated Products DS4830 Datasheet HTML 17Page - Maxim Integrated Products DS4830 Datasheet HTML 18Page - Maxim Integrated Products DS4830 Datasheet HTML 19Page - Maxim Integrated Products DS4830 Datasheet HTML 20Page - Maxim Integrated Products DS4830 Datasheet HTML 21Page - Maxim Integrated Products DS4830 Datasheet HTML 22Page - Maxim Integrated Products DS4830 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products  19
DS4830
Optical Microcontroller
Stack Memory
A 16-bit, 16-level internal stack provides storage for
program return addresses and general-purpose use.
The stack is used automatically by the processor when
the CALL, RET, and RETI instructions are executed and
interrupts serviced. The stack can also be used explicitly
to store and retrieve data by using the PUSH, POP, and
POPI instructions.
On reset, the stack pointer, SP, initializes to the top of the
stack (0Fh). The CALL, PUSH, and interrupt-vectoring
operations increment SP, then store a value at the location
pointed to by SP. The RET, RETI, POP, and POPI opera-
tions retrieve the value at SP and then decrement SP.
Programming
The microcontroller’s flash memory can be programmed
by one of two methods: in-system programming or in-
application programming. These provide great flexibility in
system design as well as reduce the life-cycle cost of the
embedded system. Programming can be password pro-
tected to prevent unauthorized access to code memory.
In-System Programming
An internal bootstrap loader allows the device to be pro-
grammed over the JTAG or I2C compatible interfaces.
As a result, system software can be upgraded in-system,
eliminating the need for a costly hardware retrofit when
software updates are required.
The programming source select (PSS) bits in the ICDF
register determine which interface is used for bootload-
ing operation. The device supports JTAG and I2C as an
interface corresponding to the 00 and 01 bits of PSS,
respectively. See Figure 7.
In-Application Programming
The in-application programming feature allows the micro-
controller to modify its own flash program memory. This
allows on-the-fly software updates in mission-critical
Figure 7. In-System Programming
DS4830 RESET INITIATED BY
POR, I2C SELF-RESET, OR
RST PIN.
RESET DEVICE.
BEGIN BOOT ROM CODE
EXECUTION AT 8000h.
WAIT FOR 320 SYSTEM
CYCLES (32µs). RESET I2C.
SET PWL BIT.
SET ROD BIT.
BOOTLOADER
SET PSS[1:0] = 01
ROM CODE ENABLES
SLAVE I2C INTERFACE:
ADDRESS IS 36h (1Bh).
IS JTAG_SPE BIT SET?
NO
YES
SET USING JTAG PROGRAMMER,
FOLLOWED BY RESET OF DEVICE.
WAITS FOR EXIT LOADER
COMMAND FROM HOST
SET BY WRITING F0h TO I2C SLAVE
34h (1Ah).
JUMP TO USER CODE
(FLASH) AT 0000h.
IS I2C_SPE BIT SET?
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com