Electronic Components Datasheet Search
  English  ▼

X  

DS4830 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS4830
Description  Optical Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4830 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS4830 Datasheet HTML 17Page - Maxim Integrated Products DS4830 Datasheet HTML 18Page - Maxim Integrated Products DS4830 Datasheet HTML 19Page - Maxim Integrated Products DS4830 Datasheet HTML 20Page - Maxim Integrated Products DS4830 Datasheet HTML 21Page - Maxim Integrated Products DS4830 Datasheet HTML 22Page - Maxim Integrated Products DS4830 Datasheet HTML 23Page - Maxim Integrated Products DS4830 Datasheet HTML 24Page - Maxim Integrated Products DS4830 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products  21
DS4830
Optical Microcontroller
All the registers that are cleared on POR are also cleared
on brownout reset.
Watchdog Timer Reset
The watchdog timer provides a mechanism to reset the
processor in the case of undesirable code execution. The
watchdog timer is a hardware timer designed to be peri-
odically reset by the application software. If the software
operates correctly, the timer is reset before it reaches its
maximum count. However, if undesirable code execution
prevents a reset of the watchdog timer, the timer reaches
its maximum count and resets the processor.
The watchdog timer is controlled through two bits in the
WDCN register (WDCN[5:4]: WD[1:0]). Its timeout period
can be set to one of the four programmable intervals
ranging from 212 to 221 system clock (MOSC) periods
(0.409ms to 0.210s). The watchdog interrupt occurs at
the end of this timeout period, which is 512 MOSC clock
periods, or approximately 50Fs, before the reset. The
reset generated by the watchdog timer lasts for four sys-
tem clock cycles, which is 0.4Fs. Software can determine
if a reset is caused by a watchdog timeout by checking
the watchdog timer reset flag (WTRF) in the WDCN reg-
ister. Execution resumes at location 8000h following a
watchdog timer reset.
External Reset
Asserting RST low causes the device to enter the reset
state. The external reset function is described in the
DS4830 User’s Guide. Execution resumes at location
8000h after RST is released. The DAC and PWM outputs
are unchanged during execution of external reset.
Internal System Reset
The host can issue an I2C command (BBh) to reset the
communicating device. This reset has the same effect as
the external reset as far as the reset values of all registers
are concerned. Also, an internal system reset can occur
when the in-system programming is done (ROD = 1).
Further details are available in the DS4830 User’s Guide.
Programmable Timer/Counter
The device features two general-purpose programmable
timer/counters. Various timing loops can be implemented
using the timers. Each general-purpose timer/counter
uses three SFRs. GTCN is the general control register,
GTV is the timer value register, and GTC is the timer
compare register.
The timer can be used in two modes: free-running mode
and compare mode with interrupts. Both are described in
detail in the DS4830 User’s Guide.
The functionality of the timers can be accessed through
three SFRs for each of the general-purpose timers. The
timer and counter SFRs are accessed in module 0 and
module 3. Detailed information regarding the timer/coun-
ter block can be found in theDS4830 User’s Guide.
Hardware Multiplier
The hardware multiplier (multiply-accumulate, or MAC
module) is a very powerful tool, especially for applica-
tions that require heavy calculations. This multiplier
can execute the multiply or multiply-negate, or multiply-
accumulate or multiply-subtract operation for signed or
unsigned operands in a single machine cycle. The MAC
module uses eight SFRs, mapped as register 0h–05h
and 08h–09h in module M3.
System Interrupts
Multiple interrupt sources are available to respond to
internal and external events. The MAXQ20 architecture
uses a single interrupt vector (IV) and single interrupt-
service routine (ISR) design. For maximum flexibility,
interrupts can be enabled globally, individually, or by
module. When an interrupt condition occurs, its indi-
vidual flag is set, even if the interrupt source is disabled
at the local, module, or global level. Interrupt flags must
be cleared within the firmware-interrupt routine to avoid
repeated interrupts from the same source. Application
software must ensure a delay between the write to the
flag and the RETI instruction to allow time for the inter-
rupt hardware to remove the internal interrupt condition.
Asynchronous interrupt flags require a one-instruction
delay and synchronous interrupt flags require a two-
instruction delay.
When an enabled interrupt is detected, execution jumps
to a user-programmable interrupt vector location. The IV
register defaults to 0000h on reset or power-up, so if it is
not changed to a different address, application firmware
must determine whether a jump to 0000h came from a
RST or interrupt source.
Once control has been transferred to the ISR, the inter-
rupt identification register (IIR) can be used to deter-
mine if a system register or peripheral register was the
source of the interrupt. In addition to IIR, MIIR registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com