Electronic Components Datasheet Search
  English  ▼

X  

SLMD481H12 Datasheet(PDF) 3 Page - IXYS Corporation

Part # SLMD481H12
Description  IXOLAR High Efficiency SolarMD.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

SLMD481H12 Datasheet(HTML) 3 Page - IXYS Corporation

  SLMD481H12 Datasheet HTML 1Page - IXYS Corporation SLMD481H12 Datasheet HTML 2Page - IXYS Corporation SLMD481H12 Datasheet HTML 3Page - IXYS Corporation SLMD481H12 Datasheet HTML 4Page - IXYS Corporation SLMD481H12 Datasheet HTML 5Page - IXYS Corporation SLMD481H12 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions
© 2010 IXYS All rights reserved
IXYS KOREA LTD.
3
IXYS Corporation
906-5 Iui-dong, Yeongtong-Gu, Suwon, Gyeonggi-Do, Korea
1590 Buckeye Drive, Milpitas, CA 95035-7418
Phone +82-31-888-5232, Fax +82-31-888-5233
Rev. Feb. 2011
Phone (408) 457-9000, Fax 408-496-0670
Package front-side and back-side view. (dimensions in millimeters)
Front-side View
Cell Size
Front-side View details
Back-side View details
Moisture Sensitivity, Reflow Soldering and Washing Information
IXYS has characterized the moisture reflow sensitivity of the SolarMD using IPC/JEDEC standard J-STD-020. Moisture uptake from
atmospheric humidity occurs by diffusion. During the soldering process to the electrode, the combination of moisture uptake and high
temperature soldering may lead to moisture induced delamination and cracking of the component. To prevent this, this component
must be handled with the standard soldering process and conditions in accordance with IPC/JEDEC standard J-STD-020 per the
labeled moisture sensitivity level (MSL), level 1. SLMD481H12 is encapsulated by the lamination with EVA and polymer film and thus
excessively high temperatures soldering reflow is prohibited. IXYS does not recommend the use of chlorinated solvents for washing.
Surface Protection Film
Please be advised that SLMD module is normally covered with protection film by factory to prevent it from scratch or dirt during the
transportation, Therefore it is highly recommended to remove the protection film at the end of your work. Especially when SLMD
should go through the high temperature process or environment, the film should be removed in advance. If protection film is not
wanted, please consult the factory.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com