Electronic Components Datasheet Search
  English  ▼

X  

SLMD481H12 Datasheet(PDF) 5 Page - IXYS Corporation

Part # SLMD481H12
Description  IXOLAR High Efficiency SolarMD.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

SLMD481H12 Datasheet(HTML) 5 Page - IXYS Corporation

  SLMD481H12 Datasheet HTML 1Page - IXYS Corporation SLMD481H12 Datasheet HTML 2Page - IXYS Corporation SLMD481H12 Datasheet HTML 3Page - IXYS Corporation SLMD481H12 Datasheet HTML 4Page - IXYS Corporation SLMD481H12 Datasheet HTML 5Page - IXYS Corporation SLMD481H12 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions
© 2010 IXYS All rights reserved
IXYS KOREA LTD.
5
IXYS Corporation
906-5 Iui-dong, Yeongtong-Gu, Suwon, Gyeonggi-Do, Korea
1590 Buckeye Drive, Milpitas, CA 95035-7418
Phone +82-31-888-5232, Fax +82-31-888-5233
Rev. Feb. 2011
Phone (408) 457-9000, Fax 408-496-0670
SolarMD Description
SolarMD is made of monocrystalline, high-efficiency solar cells in a surface mountable package.
They’re robust and can be used in harsh environments. Solar cells used in SolarMD have a very
high (22%) power conversion efficiency, which means that 22% of the light energy is converted
into electrical energy. They’re extremely useful in applications requiring solar power generation in
a limited space.
Monocrystalline cells can be used in indoor and outdoor applications because they have a wide
spectral sensitivity, 300 to 1100 nm. However, the output power of a solar cell is proportional
(over a wide range) to the incoming light energy, and irradiance is generally much higher
outdoors. The values in the data sheet are measured at “standard condition” of 1 sun, which is
equal to 1000W per square meter sunlight irradiance at a defined light spectrum (air mass of 1.5)
and 25°C cell temperature.
Relative Lighting Power Density
The figure above compares relative power density for various lighting conditions in units of Watts
per square meter (W/m
2
). The reference standard condition is 1 Sun and is equal to 1000 Watts
per square meter of sunlight irradiance at a constant 25°C cell temperature and at 1.5 Air Mass
(Air Mass stands for a well defined light spectrum which appears if the sunlight goes through the
earth’s athmosphere at a defined angle). As the chart clearly shows, the power density of typical
indoor lighting is dramatically lower than that of sunlight. Not only is irradiance from indirect and
artificial light lower; the spectrum is also narrower. In typical Office Space lighting with a
spectrum produced from incandescent or halogen light bulbs, the power output may be roughly
100 times less than bright sunlight. It may be 200 to 500 times less with fluorescent lighting due
to the further limited spectrum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com