Electronic Components Datasheet Search
  English  ▼

X  

SLMD481H12 Datasheet(PDF) 4 Page - IXYS Corporation

Part # SLMD481H12
Description  IXOLAR High Efficiency SolarMD.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

SLMD481H12 Datasheet(HTML) 4 Page - IXYS Corporation

  SLMD481H12 Datasheet HTML 1Page - IXYS Corporation SLMD481H12 Datasheet HTML 2Page - IXYS Corporation SLMD481H12 Datasheet HTML 3Page - IXYS Corporation SLMD481H12 Datasheet HTML 4Page - IXYS Corporation SLMD481H12 Datasheet HTML 5Page - IXYS Corporation SLMD481H12 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions
© 2010 IXYS All rights reserved
IXYS KOREA LTD.
4
IXYS Corporation
906-5 Iui-dong, Yeongtong-Gu, Suwon, Gyeonggi-Do, Korea
1590 Buckeye Drive, Milpitas, CA 95035-7418
Phone +82-31-888-5232, Fax +82-31-888-5233
Rev. Feb. 2011
Phone (408) 457-9000, Fax 408-496-0670
Background
Some basic information needs to be covered to better understand what to expect in terms of
the SolarMD’s performance with regards to solar cell type, lighting conditions in terms of
power density, and general industry standards as they relate to battery charging.
Solar Cell Types
Keep in mind these cost and performance tradeoffs when comparing various solar cell
materials:
Polycrystalline cells are commonly found in outdoor applications and have a spectral
sensitivity range of 500nm to 1100nm. They’re in the medium price range and typically offer
a 13% power conversion efficiency.
Monocrystalline cells, such as the IXYS SolarMD, have a spectral sensitivity range from 300
nm (near-ultraviolet) to 1100 nm (near-infrared), which includes visible light (400 to 700 nm).
Due to this wide spectral range, they can be used in both indoor and outdoor applications.
Monocrystalline or single-crystalline material is the most expensive but it does not contain
impurities, and as such the power conversion efficiency does not degrade over operating time.
The power conversion efficiency of commercially available monocrystalline cells ranges from
15 to 22%. The surface of these cells is a homogenous dark blue or dark grey.
Finally, amorphous cells, which work in the spectral range of 300nm to 600nm, are used
predominantly indoors in products such as solar powered calculators since they are not
sensitive to the upper light spectrum and cannot take advantage of natural sunlight. They
offer about 5% power conversion efficiency and are mostly used with ultra low power devices
like clocks and electronic calculators. Amorphous cells, like polycrystalline cells, suffer from
efficiency degradation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com