Electronic Components Datasheet Search
  English  ▼

X  

SLMD481H12 Datasheet(PDF) 1 Page - IXYS Corporation

Part # SLMD481H12
Description  IXOLAR High Efficiency SolarMD.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

SLMD481H12 Datasheet(HTML) 1 Page - IXYS Corporation

  SLMD481H12 Datasheet HTML 1Page - IXYS Corporation SLMD481H12 Datasheet HTML 2Page - IXYS Corporation SLMD481H12 Datasheet HTML 3Page - IXYS Corporation SLMD481H12 Datasheet HTML 4Page - IXYS Corporation SLMD481H12 Datasheet HTML 5Page - IXYS Corporation SLMD481H12 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions
© 2010 IXYS All rights reserved
IXYS KOREA LTD.
1
IXYS Corporation
906-5 Iui-dong, Yeongtong-Gu, Suwon, Gyeonggi-Do, Korea
1590 Buckeye Drive, Milpitas, CA 95035-7418
Phone +82-31-888-5232, Fax +82-31-888-5233
Rev. Feb. 2011
Phone (408) 457-9000, Fax 408-496-0670
IXOLAR
TM High Efficiency SolarMD.
Description
IXOLAR
TM SolarMD is an IXYS product line of Solar Module made of monocrystalline, high efficiency solar
cells. The IXOLAR
TM SolarMD is an ideal for charging various battery powered and handheld consumer
products such as mobile phones, cameras, PDAs, MP3-Players and toys. They are also suitable for
industrial applications such as wireless sensors, portable instrumentation and for charging emergency
backup batteries.
With a cell efficiency of typically 22%, SolarMD gives the ability to extend run time even in "low light"
conditions and increase battery life and run time in a small footprint, which can be easily accommodated in
the design of portable products. The design allows connecting SolarMD flexibly in series and/or parallel to
perfectly meet the custom-specific application’s power requirements.
IXOLAR
TM products have a very good photonic response over a wide range of wavelength and therefore
can be used in both indoor and outdoor applications.
Product and Ordering Information
(parameters given are typical values)
Dimensions (L x W x H): 90 x 79 x 2.0 [mm]
SolarMD Weight: 22 grams
SolarMD are compliant to the RoHS Norm.
SolarMD Electrical Characteristics
Symbol
Cell Parameter
Typical
Ratings *)
Units
VOC
open circuit voltage
7.56
V
ISC
short circuit current
200
mA
Vmpp
voltage at max. power point
6.06
V
Impp
current at max. power point
178
mA
Pmpp
maximum peak power
1081
mW
FF
fill factor
> 70
%
η
solar cell efficiency
22
%
ΔVOC/ΔT
open circuit voltage temp. coefficient
-2.1
mV/K
ΔJSC/ΔT
short circuit current temp. coefficient
0.12
mA/(cm²K)
*) All values measured at Standard Condition: 1 sun (= 1000 W/m²), Air Mass 1.5, 25°C
Part Number
Open Circuit
Voltage [V]
Short Circuit
Current [mA]
Typ. Voltage
@ Pmpp [V]
Typ. Current
@ Pmpp [mA]
SLMD481H12
7.56
200
6.06
178
Features
• Monocrystalline silicon technology
• High efficiency outdoor and indoor
• Long life and stable output
• Sealed Package
• High mechanical robustness
Applications
• Battery chargers for portables such as cell
phones, PDAs, GPS-Systems, …
• “Green” electricity generation
• Power backup for UPS, Sensors, Wearables
Advantages
• One Product for Multiple Applications
• Flexible Integration into the Application


Similar Part No. - SLMD481H12

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
SLMD481H12L IXYS-SLMD481H12L Datasheet
251Kb / 6P
IXOLARTM High Efficiency SolarMD.
More results

Similar Description - SLMD481H12

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
SLMD121H8 IXYS-SLMD121H8 Datasheet
207Kb / 6P
IXOLAR High Efficiency SolarMD.
SLMD121H10 IXYS-SLMD121H10 Datasheet
294Kb / 6P
IXOLAR High Efficiency SolarMD.
SLMD121H10L IXYS-SLMD121H10L Datasheet
295Kb / 6P
IXOLAR High Efficiency SolarMD.
SLMD481H10 IXYS-SLMD481H10 Datasheet
328Kb / 6P
IXOLAR High Efficiency SolarMD.
SLMD600H10 IXYS-SLMD600H10 Datasheet
208Kb / 6P
IXOLAR High Efficiency SolarMD.
SLMD960H12 IXYS-SLMD960H12 Datasheet
314Kb / 6P
IXOLAR High Efficiency SolarMD.
SLMD121H04 IXYS-SLMD121H04 Datasheet
257Kb / 6P
IXOLAR High Efficiency SolarMD
SLMD121H4 IXYS-SLMD121H4 Datasheet
268Kb / 6P
IXOLAR High Efficiency SolarMD
SLMD480H12L IXYS-SLMD480H12L Datasheet
657Kb / 6P
High Efficiency SolarMD
Rev. Aug. 2017
logo
ANYSOLAR LTD.
KXOB061K08TF ANYSOLAR-KXOB061K08TF Datasheet
694Kb / 7P
High Efficiency SolarMD
Rev. Jan 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com