Electronic Components Datasheet Search
  English  ▼

X  

SI9130 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SI9130
Description  Pin-Programmable Dual Controller - Portable PCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI9130 Datasheet HTML 7Page - Vishay Siliconix SI9130 Datasheet HTML 8Page - Vishay Siliconix SI9130 Datasheet HTML 9Page - Vishay Siliconix SI9130 Datasheet HTML 10Page - Vishay Siliconix SI9130 Datasheet HTML 11Page - Vishay Siliconix SI9130 Datasheet HTML 12Page - Vishay Siliconix SI9130 Datasheet HTML 13Page - Vishay Siliconix SI9130 Datasheet HTML 14Page - Vishay Siliconix SI9130 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Document Number: 70190
S11-0975-Rev. G, 16-May-11
www.vishay.com
11
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
cycle in continuous mode, or until the inductor current
becomes positive again, in discontinuous mode. In over-
current situations, where the inductor current is greater than
the 100 mV current-limit threshold, the high-side latch is
reset and the high-side gate drive is shut off.
During low-current load requirements, the inductor current
will not deliver the 25 mV minimum current threshold. The
Minimum Current comparator signals the PWM to enter
pulse-skipping mode when the threshold has not been
reached. pulse-skipping mode skips pulses to reduce
switching losses, the losses which decrease efficiency the
most at light load. Entering this mode causes the minimum
current comparator to reset the high-side latch at the
beginning of each oscillator cycle.
Soft-Start
To slowly bring up the 3.3 V and 5 V supplies, connect
capacitors from SS3 and SS5 to GND. Asserting ON3 or ON5
starts a 4 A constant current source to charge these
capacitors to 4 V. As the voltage on these pins ramps up, so
does the current limit comparator threshold, to increase the
duty cycle of the MOSFETs to their maximum level. If ON3 or
ON5 are left low, the respective capacitor is discharged to
GND. Leaving the SS3 or SS5 pins open will cause either
controller to reach the terminal over-current level within
10 µs.
Soft start helps prevent current spikes at turn-on and allows
separate
supplies
to
be
delayed
using
external
programmability.
Synchronous Rectifiers
Synchronous rectification replaces the Schottky rectifier with
a MOSFET, which can be controlled to increase the
efficiency of the circuit.
When the high-side MOSFET is switched off, the inductor will
try to maintain its current flow, inverting the inductor’s
polarity. The path of current then becomes the circuit made
of the Schottky diode, inductor and load, which will charge
the output capacitor. The diode has a 0.5 V forward voltage
drop, which contributes a significant amount of power loss,
decreasing efficiency. A low-side switch is placed in parallel
with the Schottky diode and is turned on just after the diode
begins to conduct. Because the rDS(ON) of the MOSFET is
low, the I*R voltage drop will not be as large as the diode,
which increases efficiency.
The low-side rectifier is shut off when the inductor current
drops to zero.
Shoot-through current is the result when both the high-side
and rectifying MOSFETs are turned on at the same time.
Break-before-make timing internal to the Si9130 manages
this potential problem. During the time when neither
MOSFET is on, the Schottky is conducting, so that the body
diode in the low-side MOSFET is not forced to conduct.
Synchronous rectification is always active when the Si9130
is powered-up, regardless of the operational mode.
Gate-Driver Boost
The high-side N-Channel drive is supplied by a flying-
capacitor boost circuit (see Figure 4). The capacitor takes a
charge from VL and then is connected from gate to source of
the high-side MOSFET to provide gate enhancement. At
power-up, the low-side MOSFET pulls LX_ down to GND
and charges the BST_ capacitor connected to 5 V. During
the second half of the oscillator cycle, the controller drives
the gate of the high-side MOSFET by internally connecting
node BST_ to DH_. This supplies a voltage 5 V higher than
the battery voltage to the gate of the high-side MOSFET.
Oscillations on the gates of the high-side MOSFET in
discontinuous mode are a natural occurrence caused by the
LC network formed by the inductor and stray capacitance at
the LX_ pins. The negative side of the BST_ capacitor is
connected to the LX_ node, so ringing at the inductor is
translated through to the gate drive.
Figure 4. Boost Supply for Gate Drivers
Level
Translator
DH_
BST_
LX_
DL_
VL
PWM
VL
VL
BATTERY
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com