Electronic Components Datasheet Search
  English  ▼

X  

SI9130 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9130
Description  Pin-Programmable Dual Controller - Portable PCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9130 Datasheet HTML 1Page - Vishay Siliconix SI9130 Datasheet HTML 2Page - Vishay Siliconix SI9130 Datasheet HTML 3Page - Vishay Siliconix SI9130 Datasheet HTML 4Page - Vishay Siliconix SI9130 Datasheet HTML 5Page - Vishay Siliconix SI9130 Datasheet HTML 6Page - Vishay Siliconix SI9130 Datasheet HTML 7Page - Vishay Siliconix SI9130 Datasheet HTML 8Page - Vishay Siliconix SI9130 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 70190
S11-0975-Rev. G, 16-May-11
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Device Mounted with all leads soldered or welded to PC board.
b. Derate 9.52 mW/°C above 70 °C.
Exposure to Absolute Maximum rating conditions for extended periods may affect device reliability. Stresses above Absolute Maximum rating may cause permanent
damage. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any
one time.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to GND
- 0.3 to 36
V
PGND to GND
± 2
VL to GND
- 0.3 to 7
BST3, BST5 to GND
- 0.3 to 36
LX3 to BST3
- 7 to 0.3
LX5 to BST5
- 7 to 0.3
Inputs/Outputs to GND (3.45 ADJ, 3.6 ADJ, SHDN, ON5, REF, SS5, CS5, FB5,
SYNC, CS3, FB3, SS3, ON3)
- 0.3, (VL + 0.3)
DL3, DL5 to PGND
- 0.3, (VL + 0.3)
DH3 to LX3
- 0.3 (BST3 + 0.3)
DH5 to LX5
- 0.3 (BST5 + 0.3)
REF, VL Short to GND
Momentary
REF Current
20
mA
VL Current
50
Continuous Power Dissipation (TA = 70 °C)
a
28-Pin SSOPb
762
mW
Operating Temperature Range:
Si9130CG
0 to 70
°C
Si9130LG
- 10 to 90
Lead Temperature (soldering, 10 sec)
300
SPECIFICATIONS
Parameter
Specific Test Conditions
V+ = 15 V, IVL = IREF = 0 mA, SHDN = ON3 = ON5 = 5 V
Other Digital Input Levels 0 V or 5 V, TA = TMIN to TMAX
Limits
Unit
Min.a
Typ.b
Max.a
3.3 V and 5 V Step-Down Controllers
Input Supply Range
5.5
30
V
FB5 Output Voltage
0 mV < (CS5 - FB5) < 70 mV, 6 V < V + < 30 V
(includes load and line regulation)
4.80
5.08
5.20
FB3 Output Voltage
0 mV < (CS3 - FB3) < 70 mV
6 V < V + < 30 V
(includes load and line regulation)
3.6 ADJ = 3.45 ADJ = OPEN
3.17
3.35
3.46
3.6 ADJ = OPEN
3.45 ADJ = GND
3.32
3.50
3.60
3.6 ADJ = GND
3.45 ADJ = OPEN
3.46
3.65
3.75
Load Regulation
Either Controller (CS_ to FB_ = 0 to 70 mV)
2.5
%
Line Regulation
Either Controller (V+ = 6 to 30)
0.03
%/V
Current-Limit Voltage
CS3 - FB3 or CS5 - FB5
80
100
120
mV
SS3/SS5 Source Current
2.5
4.0
6.5
µA
SS3/SS5 Fault Sink Current
2mA
Internal Regulator and Reference
VL Output Voltage
ON5 = ON3 = 0, 5.5 < V+ < 30
0 mA < IL < 25 mA
4.5
5.5
V
VL Fault Lockout Voltage
Falling Edge, Hysteresis = 1 %
3.6
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com