Electronic Components Datasheet Search
  English  ▼

X  

SI9130 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SI9130
Description  Pin-Programmable Dual Controller - Portable PCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SI9130 Datasheet HTML 7Page - Vishay Siliconix SI9130 Datasheet HTML 8Page - Vishay Siliconix SI9130 Datasheet HTML 9Page - Vishay Siliconix SI9130 Datasheet HTML 10Page - Vishay Siliconix SI9130 Datasheet HTML 11Page - Vishay Siliconix SI9130 Datasheet HTML 12Page - Vishay Siliconix SI9130 Datasheet HTML 13Page - Vishay Siliconix SI9130 Datasheet HTML 14Page - Vishay Siliconix SI9130 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Document Number: 70190
S11-0975-Rev. G, 16-May-11
www.vishay.com
13
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESIGN CONSIDERATIONS
Inductor Design
Three specifications are required for inductor design:
inductance (L), peak inductor current (ILPEAK), and coil
resistance (RL). The equation for computing inductance is:
Where: VOUT = Output voltage (3.3 V or 5 V);
VIN(MAX) = Maximum input voltage (V);
f = Switching frequency, normally 300 kHz;
IOUT = Maximum dc load current (A);
LIR = Ratio of inductor peak-to-peak ac current to average dc
load current, typically 0.3.
When LIR is higher, smaller inductance values are
acceptable, at the expense of increased ripple and higher
losses.
The peak inductor current (ILPEAK) is equal to the steady-
state load current (IOUT) plus one half of the peak-to-peak ac
current (ILPP). Typically, a designer will select the ac inductor
current to be 30 % of the steady-state current, which gives
ILPEAK equal to 1.15 times IOUT.
The equation for computing peak inductor current is:
OUTPUT CAPACITORS
The output capacitors determine loop stability and ripple
voltage at the output. In order to maintain stability, minimum
capacitance and maximum ESR requirements must be met
according to the following equations:
and,
Where: CF = Output filter capacitance (F)
VREF = Reference voltage, 3.3 V;
VOUT = Output voltage, 3.3 V or 5 V;
RCS = Sense resistor ();
GBWP = Gain-bandwidth product, 60 kHz;
ESRCF = Output filter capacitor ESR ().
Both
minimum
capacitance
and
maximum
ESR
requirements must be met. In order to get the low ESR, a
capacitance value of two to three times greater than the
required minimum may be necessary.
The equation for output ripple in continuous current mode is:
The equations for capacitive and resistive components of the
ripple in pulse-skipping mode are:
The total ripple, VOUT(RPL), can be approximated as follows:
if VOUT(RPL)(R) < 0.5 VOUT(RPL)(C),
then VOUT(RPL) = VOUT(RPL)(C),
otherwise, VOUT(RPL) = 0.5 VOUT(RPL)(C) +
VOUT(RPL)(R).
Lower Voltage Input
The application circuit shown here can be easily modified to
work with 5.5 V to 12 V input voltages. Oscillation frequency
should be set at 200 kHz and increase the output
capacitance to 660 µF on the 5 V output to maintain stable
performance up to 2 A of load current. Operation on the
3.3 V supply will not be affected by this reduced input
voltage.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see www.vishay.com/ppg?70190.
L
V
OUT
V
IN(MAX)- VOUT
V
IN(MAX)
(f) I
OUT
(LIR)
I
LPEAK
I
OUT
V
OUT
V
IN(MAX) - VOUT
(2)(f)(L) V
IN(MAX)
+
C
F
V
REF
V
OUT RCS (2)(π)(GBWP)
ESR
CF
V
OUT RCS
V
REF
V
OUT(RPL)
I
LPP(MAX)
ESR
CF
1
2x f
CF
+
x
x
+
x
V
OUT(RPL)(C)
(4) 10- 4 (L)
R
CS
2 C
F
1
V
OUT
1
V
IN - VOUT
Volts
V
OUT(RPL)(R)
(0.02) ESR
CF
R
CS
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com