Electronic Components Datasheet Search
  English  ▼

X  

SI9130 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9130
Description  Pin-Programmable Dual Controller - Portable PCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9130 Datasheet HTML 1Page - Vishay Siliconix SI9130 Datasheet HTML 2Page - Vishay Siliconix SI9130 Datasheet HTML 3Page - Vishay Siliconix SI9130 Datasheet HTML 4Page - Vishay Siliconix SI9130 Datasheet HTML 5Page - Vishay Siliconix SI9130 Datasheet HTML 6Page - Vishay Siliconix SI9130 Datasheet HTML 7Page - Vishay Siliconix SI9130 Datasheet HTML 8Page - Vishay Siliconix SI9130 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 70190
S11-0975-Rev. G, 16-May-11
www.vishay.com
3
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. The main switching outputs track the reference voltage. Loading the reference reduces the main outputs slightly according to the closed-loop
gain (AVCL) and the reference voltage load-regulation error. AVCL for the 3.3 V supply is unity gain. AVCL for the 5 V supply is 1.54.
d. Since the reference uses VL as its supply, its V+ line regulation error is insignificant.
SPECIFICATIONS
Parameter
Specific Test Conditions
V+ = 15 V, IVL = IREF = 0 mA, SHDN = ON3 = ON5 = 5 V
Other Digital Input Levels 0 V or 5 V, TA = TMIN to TMAX
Limits
Unit
Min.a
Typ.b
Max.a
Internal Regulator and Reference
VL/FB5 Switchover Voltage
Rising Edge of FB5, Hysteresis = 1 %
4.2
4.7
V
REF Output Voltage
No External Loadc
3.24
3.36
REF Fault Lockout Voltage
Falling Edge
2.4
3.2
REF Load Regulation
0 mA < IL < 5 mA
d
30
75
mV
V+ Shutdown Current
SHDN = ON3 = ON5 = 0 V, V+ = 30 V
25
40
µA
V+ Standby Current
ON3 = ON5 = 0 V, V+ = 30 V
70
110
Quiescent Power Consumption
(both PWM controllers on)
FB5 = CS5 = 5.25 V
FB3 = CS3 = 3.5 V
5.5
8.6
mV
V+ Off Current
FB5 = CS5 = 5.25 V, VL Switched Over to FB5
30
60
µA
Oscillator and Inputs/Outputs
Oscillator Frequency
SYNC = 3.3 V
270
300
330
kHz
SYNC = 0 V, 5 V
170
200
230
SYNC High Pulse Width
200
ns
SYNC Low Pulse Width
200
SYNC Rise/Fall Time
Not Tested
200
Oscillator SYNC Range
240
350
kHz
Maximum Duty Cycle
SYNC = 3.3 V
89
92
%
SYNC = 0 V, 5 V
92
95
Input Low Voltage
SHDN, ON3, ON5 SYNC
0.8
V
Input High Voltage
SHDN, ON3, ON5
2.4
SYNC
VL - 0.5
Input Current
SHDN, ON3, ON5, VIN = 0 V, 5 V
± 1
µA
DL3/DL5 Sink/Source Current
VOUT = 2 V
1
A
DH3/DH5 Sink/Source Current
BST3 - LX3 = BST5 - LX5 = 4.5 V, VOUT = 2 V
1
DL3/DL5 On-Resistance
High or Low
7
DH3/DH5 On-Resistance
High or Low
BST3 - LX3 = BST5 - LX5 = 4.5 V
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com